Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMJ-23L Datasheet (PDF) - Sanken electric

FMJ-23L Datasheet PDF - Sanken electric
Part # FMJ-23L
Download  FMJ-23L Download
File Size   18.34 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 10A Schottky barrier diode in TO220F package

FMJ-23L Datasheet (PDF)

Go To PDF Page Download Datasheet
FMJ-23L Datasheet PDF - Sanken electric

Part # FMJ-23L
Download  FMJ-23L Click to download

File Size   18.34 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 10A Schottky barrier diode in TO220F package

FMJ-23L Datasheet (HTML) - Sanken electric


FMJ-23L Product details

Scope
   The present specifications shall apply to an FMJ-23L.

Outline
   Type             Silicon Schottky Barrier Diode
   Structure      Resin Molded Flammability: UL94V-0(Equivalent)
   Applications High Frequency Rectification, etc.




Similar Part No. - FMJ-23L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMJ-23L SANKEN-FMJ-23L Datasheet
75Kb / 2P
Schottky Barrier Diodes
FMJ-23L SANKEN-FMJ-23L Datasheet
213Kb / 4P
Silicon Schottky Barrier Diode
FMJ-23L SANKEN-FMJ-23L_11 Datasheet
212Kb / 4P
Silicon Schottky Barrier Diode
More results


Similar Description - FMJ-23L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-2306 SANKEN-FMB-2306 Datasheet
19Kb / 1P
30A Schottky barrier diode in TO220F package
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
100V, 20A Schottky barrier diode in TO220F package
FME-230A SANKEN-FME-230A Datasheet
32Kb / 1P
100V, 30A Schottky barrier diode in TO220F package
logo
NXP Semiconductors
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
logo
Won-Top Electronics
SD1030-06 WTE-SD1030-06 Datasheet
64Kb / 4P
10A SCHOTTKY BARRIER DIODE
SD1030 WTE-SD1030_08 Datasheet
68Kb / 4P
10A SCHOTTKY BARRIER DIODE
logo
Alpha & Omega Semicondu...
AOTF3N80 AOSMD-AOTF3N80 Datasheet
102Kb / 1P
TO220F PACKAGE MARKING DESCRIPTION
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ_15 Datasheet
80Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
logo
Zibo Seno Electronic En...
10SQ030 ZSELEC-10SQ030 Datasheet
171Kb / 2P
10A SCHOTTKY BARRIER DIODE
logo
Renesas Technology Corp
RJS6004TDPP-EJ RENESAS-RJS6004TDPP-EJ Datasheet
169Kb / 4P
600V - 10A - Diode SiC Schottky Barrier Diode
Jan 23, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com