Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI-3157B Datasheet (PDF) - Sanken electric

SI-3157B Datasheet PDF - Sanken electric
Part # SI-3157B
Download  SI-3157B Download
File Size   46.33 Kbytes
Page   5 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type

SI-3157B Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-3157B Datasheet PDF - Sanken electric

Part # SI-3157B
Download  SI-3157B Click to download

File Size   46.33 Kbytes
Page   5 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description 5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type

SI-3157B Datasheet (HTML) - Sanken electric


SI-3157B Product details

■ Features
• Compact full-mold package (equivalent to TO220)
• Output current: 0.27A
• Low dropout voltage: VDIF≤0.5V (at IO=0.27A)
• Output ON/OFF control terminal is compatible with LS-TTL. (It may be directly driven by LS-TTL or standard CMOS logic.)
• Built-in foldback overcurrent, thermal protection circuits
• Highly accurate overcurent protection starting current
    SI-3157B : 0.3 to 0.7A (VIN=18V)
    SI-3025B : 0.3 to 0.7A (When VIN=18V, setting VO=15.7V)
                      0.3 to 0.75A (When VIN=18V, setting VO=11.7V)
• Variable output voltage type (SI-3025B) also available

■ Applications
• For BS and CS antenna power supplies
• Electronic equipment




Similar Part No. - SI-3157B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Similar Description - SI-3157B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com