Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA421A Datasheet (PDF) - Sanken electric

STA421A Datasheet PDF - Sanken electric
Part # STA421A
Download  STA421A Download
File Size   19.75 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description PNP General purpose

STA421A Datasheet (PDF)

Go To PDF Page Download Datasheet
STA421A Datasheet PDF - Sanken electric

Part # STA421A
Download  STA421A Click to download

File Size   19.75 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description PNP General purpose

STA421A Datasheet (HTML) - Sanken electric


STA421A Product details

External dimensions D • • • STA (10-pin)

VCBO –60 V
VCEO –60 V
VEBO –6 V
IC –3 A
ICP –6 (PW≤10ms, Du≤50%) A




Similar Part No. - STA421A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA421A SANKEN-STA421A Datasheet
34Kb / 1P
PNP General purpose
STA421A SANKEN-STA421A Datasheet
34Kb / 1P
PNP General purpose
STA421A SANKEN-STA421A_06 Datasheet
34Kb / 1P
PNP General purpose
More results


Similar Description - STA421A

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Sanken electric
STA322A SANKEN-STA322A Datasheet
18Kb / 1P
PNP General purpose
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
logo
Sanken electric
STA322A SANKEN-STA322A_06 Datasheet
32Kb / 1P
PNP General purpose
STA421A SANKEN-STA421A_06 Datasheet
34Kb / 1P
PNP General purpose
STA322A SANKEN-STA322A Datasheet
32Kb / 1P
PNP General purpose
STA421A SANKEN-STA421A Datasheet
34Kb / 1P
PNP General purpose
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com