Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-F6512 Datasheet (PDF) - Sanken electric

STR-F6512 Datasheet PDF - Sanken electric
Part # STR-F6512
Download  STR-F6512 Download
File Size   191.18 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description SMPS PRIMARY IC

STR-F6512 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-F6512 Datasheet PDF - Sanken electric

Part # STR-F6512
Download  STR-F6512 Click to download

File Size   191.18 Kbytes
Page   4 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description SMPS PRIMARY IC

STR-F6512 Datasheet (HTML) - Sanken electric


STR-F6512 Product details

The Series STR-F6600 is specifically designed to satisfy the requirements for increased integration and reliability in off-line quasi-resonant flyback converters. The series incorporates a primary control and drive circuit with discrete avalanche-rated power MOSFETs.
Covering the power range from below 25 watts up to 300 watts for 100/115/230 VAC inputs, and up to 150 watts for 85 to 265 VAC universal input, these devices can be used in a range of applications, from battery chargers and set top boxes, to televisions, monitors, and industrial power supply units.
Cycle-by-cycle current limiting, under-voltage lockout with hysteresis, over-voltage protection, and thermal shutdown protects the power supply during the normal overload and fault conditions. Over-voltage protection and thermal shutdown are latched after a short delay. The latch may be reset by cycling the input supply. Low-current startup and a low-power standby mode selected from the secondary circuit completes a comprehensive suite of features. The series is provided in a five-pin overmolded TO-3P style package, affording dielectric isolation without compromising thermal characteristics.

FEATURES
■ Flyback Operation with Quasi-Resonant Soft Switching
   for Low Power Dissipation and EMI
■ Rugged Avalanche-Rated MOSFET
■ Choice of MOSFET Voltage and rDS(on)
■ Full Over-Current Protection (no blanking)
■ Under-Voltage Lockout with Hysteresis
■ Over-Voltage Protection
■ Direct Voltage Feedback
■ Low Start-up Current (<400 µA)
■ Low-Frequency, Low-Power Standby Operation
■ Overmolded 5-Pin Package




Similar Part No. - STR-F6512

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-F6512 SANKEN-STR-F6512 Datasheet
191Kb / 4P
SMPS PRIMARY IC
More results


Similar Description - STR-F6512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER100B STMICROELECTRONICS-VIPER100B Datasheet
173Kb / 20P
SMPS PRIMARY I.C.
Jan-2000
VIPER20B STMICROELECTRONICS-VIPER20B Datasheet
151Kb / 17P
SMPS PRIMARY I.C.
Sep-1999
logo
Sanken electric
STR-F6612 SANKEN-STR-F6612 Datasheet
191Kb / 4P
SMPS PRIMARY IC
logo
STMicroelectronics
VIPER20A-E STMICROELECTRONICS-VIPER20A-E Datasheet
642Kb / 34P
SMPS primary I.C.
21-Jun-2006
VIPER50 STMICROELECTRONICS-VIPER50 Datasheet
407Kb / 23P
SMPS PRIMARY I.C.
May-2003
VIPER100A-E STMICROELECTRONICS-VIPER100A-E Datasheet
349Kb / 31P
SMPS PRIMARY I.C.
23-Sep-2005
VIPER50B STMICROELECTRONICS-VIPER50B Datasheet
174Kb / 20P
SMPS PRIMARY I.C.
Dec-1999
VIPER50A-E STMICROELECTRONICS-VIPER50A-E Datasheet
348Kb / 31P
SMPS PRIMARY I.C.
26-Sep-2005
VIPER20-E STMICROELECTRONICS-VIPER20-E Datasheet
319Kb / 31P
SMPS PRIMARY I.C.
27-Sep-2005
VIPER100 STMICROELECTRONICS-VIPER100 Datasheet
406Kb / 23P
SMPS PRIMARY I.C.
rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com