Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF341M Datasheet (PDF) - Sanken electric

TF341M Datasheet PDF - Sanken electric
Part # TF341M
Download  TF341M Download
File Size   48.61 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 3A Thyristor

TF341M Datasheet (PDF)

Go To PDF Page Download Datasheet
TF341M Datasheet PDF - Sanken electric

Part # TF341M
Download  TF341M Click to download

File Size   48.61 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220 3A Thyristor

TF341M Datasheet (HTML) - Sanken electric


TF341M Product details

■ Features

● Repetitive peak off-state voltage: VDRM=200, 400, 600V

● Average on-state current: IT(AV)=3A

● Gate trigger current: IGT=10mA max




Similar Part No. - TF341M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF341M-A SANKEN-TF341M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
More results


Similar Description - TF341M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
TF321S SANKEN-TF321S Datasheet
30Kb / 1P
TO-220F 3A Thyristor
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF821M SANKEN-TF821M Datasheet
48Kb / 2P
TO-220 8A Thyristor
TM341M-L SANKEN-TM341M-L Datasheet
64Kb / 2P
TO-220 3A Triac
logo
NEC
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
Renesas Technology Corp
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
400V - 3A - Thyristor
CR3AS-8ME RENESAS-CR3AS-8ME Datasheet
454Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
CR3AS-8UE RENESAS-CR3AS-8UE Datasheet
483Kb / 7P
400V - 3A - Thyristor
May. 10, 2019
CR3CS-12A RENESAS-CR3CS-12A Datasheet
486Kb / 8P
600V - 3A - Thyristor
Oct. 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com