Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF341S Datasheet (PDF) - Sanken electric

TF341S Datasheet PDF - Sanken electric
Part # TF341S
Download  TF341S Download
File Size   30.42 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 3A Thyristor

TF341S Datasheet (PDF)

Go To PDF Page Download Datasheet
TF341S Datasheet PDF - Sanken electric

Part # TF341S
Download  TF341S Click to download

File Size   30.42 Kbytes
Page   1 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 3A Thyristor

TF341S Datasheet (HTML) - Sanken electric


TF341S Product details

■ Features

● Repetitive peak off-state voltage: VDRM=200, 400, 600V

● Average on-state current: IT(AV)=3A

● Gate trigger current: IGT=15mA max

● Isolation voltage: VISO=1500V(50Hz Sine wave, RMS)




Similar Part No. - TF341S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF341 SANKEN-TF341 Datasheet
48Kb / 2P
TO-220 3A Thyristor
logo
Shenzhen Tuofeng Semico...
TF3410 TUOFENG-TF3410 Datasheet
1Mb / 6P
N-Channel 30-V(D-S) MOSFET
Feb,2018 V1.0
TF3414 TUOFENG-TF3414 Datasheet
2Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
TF3415 TUOFENG-TF3415 Datasheet
1Mb / 7P
P-Channel 2 0 -V(D-S) MOSFET
Feb,2018 V1.2
TF3416 TUOFENG-TF3416 Datasheet
2Mb / 5P
N-Channel 20-V(D-S) MOSFET
Feb,2018 V1.0
More results


Similar Description - TF341S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321M-A SANKEN-TF321M-A Datasheet
45Kb / 2P
TO-220 3A High sensitive Thyristor
TF321M SANKEN-TF321M Datasheet
48Kb / 2P
TO-220 3A Thyristor
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
TO-220F 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
TF821S SANKEN-TF821S Datasheet
48Kb / 2P
TO-220F 8A Thyristor
TFD312S SANKEN-TFD312S Datasheet
53Kb / 2P
TO-220F 3A Thyristor with built-in Avalanche diode
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
TO-220F 3A Triac
TM341S-R SANKEN-TM341S-R Datasheet
32Kb / 1P
TO-220F 3A Triac
logo
NEC
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
Renesas Technology Corp
CR3PM-8ME RENESAS-CR3PM-8ME Datasheet
155Kb / 3P
400V - 3A - Thyristor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com