Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF541S Datasheet (PDF) - Sanken electric

TF541S Datasheet PDF - Sanken electric
Part # TF541S
Download  TF541S Download
File Size   49.08 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 5A Thyristor

TF541S Datasheet (PDF)

Go To PDF Page Download Datasheet
TF541S Datasheet PDF - Sanken electric

Part # TF541S
Download  TF541S Click to download

File Size   49.08 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 5A Thyristor

TF541S Datasheet (HTML) - Sanken electric


TF541S Product details

■Features

●Repetitive peak off-state voltage: VDRM=200, 400, 600V

●Average on-state current: IT(AV)=5A

●Gate trigger current: IGT=15mA max

●Isolation voltage: VISO=1500V(50Hz Sine wave, RMS)

●UL approved type available




Similar Part No. - TF541S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
75Kb / 3P
Thyristors
TF541S-A SANKEN-TF541S-A Datasheet
75Kb / 3P
Thyristors
More results


Similar Description - TF541S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF321S SANKEN-TF321S Datasheet
30Kb / 1P
TO-220F 3A Thyristor
TF521M SANKEN-TF521M Datasheet
48Kb / 2P
TO-220 5A Thyristor
TF541S-A SANKEN-TF541S-A Datasheet
30Kb / 1P
TO-220F 5A High sensitive Thyristor
TF821S SANKEN-TF821S Datasheet
48Kb / 2P
TO-220F 8A Thyristor
TFD312S SANKEN-TFD312S Datasheet
53Kb / 2P
TO-220F 3A Thyristor with built-in Avalanche diode
TM541S-L SANKEN-TM541S-L Datasheet
43Kb / 2P
TO-220F 5A Triac
TM541S-R SANKEN-TM541S-R Datasheet
32Kb / 1P
TO-220F 5A Triac
logo
Fairchild Semiconductor
TO-220F FAIRCHILD-TO-220F Datasheet
40Kb / 1P
TO-220F
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
CR5AS-8UE RENESAS-CR5AS-8UE Datasheet
485Kb / 7P
400V - 5A - Thyristor
May. 10, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com