Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1661S Datasheet (PDF) - Sanken electric

M1661S Datasheet PDF - Sanken electric
Part # M1661S
Download  M1661S Download
File Size   45.18 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 16A Triac

M1661S Datasheet (PDF)

Go To PDF Page Download Datasheet
M1661S Datasheet PDF - Sanken electric

Part # M1661S
Download  M1661S Click to download

File Size   45.18 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 16A Triac

M1661S Datasheet (HTML) - Sanken electric


M1661S Product details

■ Features
● Repetitive peak off-state voltage: VDRM=400, 600V
● RMS on-state current: IT(RMS)=16A
● Gate trigger current: IGT=30mA max (MODE I, II, III)
● Isolation voltage: VISO=1500V(50Hz Sine wave, RMS)
● UL approved type available




Similar Part No. - M1661S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
M1661P SANKEN-M1661P Datasheet
31Kb / 1P
TO-3P 16A Triac
More results


Similar Description - M1661S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TM1041S-L SANKEN-TM1041S-L Datasheet
61Kb / 2P
TO-220F 10A Triac
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
TO-220F 10A Triac
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1641B-L SANKEN-TM1641B-L Datasheet
48Kb / 2P
TO-3PF 16A Triac
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
TO-220F 3A Triac
TM341S-R SANKEN-TM341S-R Datasheet
32Kb / 1P
TO-220F 3A Triac
TM541S-L SANKEN-TM541S-L Datasheet
43Kb / 2P
TO-220F 5A Triac
TM541S-R SANKEN-TM541S-R Datasheet
32Kb / 1P
TO-220F 5A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com