Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM561S-L Datasheet (PDF) - Sanken electric

TM561S-L Datasheet PDF - Sanken electric
Part # TM561S-L
Download  TM561S-L Download
File Size   43.48 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 5A Triac

TM561S-L Datasheet (PDF)

Go To PDF Page Download Datasheet
TM561S-L Datasheet PDF - Sanken electric

Part # TM561S-L
Download  TM561S-L Click to download

File Size   43.48 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description TO-220F 5A Triac

TM561S-L Datasheet (HTML) - Sanken electric


TM561S-L Product details

■ Features

● Repetitive peak off-state voltage: VDRM=400, 600V

● RMS on-state current: IT(RMS)=5A

● Gate trigger current: IGT=20mA max (MODE , , )

● Isolation voltage: VISO=1500V(50Hz Sine wave, RMS)

● UL approved type available



 




Similar Part No. - TM561S-L

ManufacturerPart #DatasheetDescription
logo
Apollo Electron Co., Lt...
TM561S-L APOLLOELECTRON-TM561S-L Datasheet
3Mb / 6P
Standard Triac
More results


Similar Description - TM561S-L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
TF521S SANKEN-TF521S Datasheet
49Kb / 2P
TO-220F 5A Thyristor
TM1041S-L SANKEN-TM1041S-L Datasheet
61Kb / 2P
TO-220F 10A Triac
TM1041S-R SANKEN-TM1041S-R Datasheet
32Kb / 1P
TO-220F 10A Triac
TM1241S-L SANKEN-TM1241S-L Datasheet
61Kb / 2P
TO-220F 12A Triac
TM1241S-R SANKEN-TM1241S-R Datasheet
64Kb / 2P
TO-220F 12A Triac
TM1641S-L SANKEN-TM1641S-L Datasheet
45Kb / 2P
TO-220F 16A Triac
TM341S-L SANKEN-TM341S-L Datasheet
63Kb / 2P
TO-220F 3A Triac
TM341S-R SANKEN-TM341S-R Datasheet
32Kb / 1P
TO-220F 3A Triac
TM541S-R SANKEN-TM541S-R Datasheet
32Kb / 1P
TO-220F 5A Triac
TM841S-L SANKEN-TM841S-L Datasheet
59Kb / 2P
TO-220F 8A Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com