Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS358 Datasheet (PDF) - Sanyo Semicon Device

1SS358 Datasheet PDF - Sanyo Semicon Device
Part # 1SS358
Download  1SS358 Download
File Size   55.13 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF, UHF Detector and Mixer Applications

1SS358 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS358 Datasheet PDF - Sanyo Semicon Device

Part # 1SS358
Download  1SS358 Click to download

File Size   55.13 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF, UHF Detector and Mixer Applications

1SS358 Datasheet (HTML) - Sanyo Semicon Device


1SS358 Product details

Features
• Series connection of 2 elements in a very small-sized
   package facilitates high-density mounting and
   permits 1SS358-applied equipment to be made
   smaller.
• Small interterminal capacitance (C=0.45pF typ).
• Low forward voltage and excellent detection effi
   ciency (VF=0.35V max).
• High breakdown voltage (VR=55V).




Similar Part No. - 1SS358

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS358 KEXIN-1SS358 Datasheet
37Kb / 1P
Schottkty Barrier Diode
logo
Chenmko Enterprise Co. ...
1SS358PT CHENMKO-1SS358PT Datasheet
103Kb / 2P
SWITCHING DIODE VOLTAGE 90 Volts CURRENT 0.1 Ampere
More results


Similar Description - 1SS358

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS345 SANYO-1SS345 Datasheet
62Kb / 2P
UHF Detector, Mixer Applications
1SS350 SANYO-1SS350 Datasheet
57Kb / 2P
UHF Detector, Mixer Applications
1SS351 SANYO-1SS351 Datasheet
56Kb / 2P
UHF Detector, Mixer Applications
1SS365 SANYO-1SS365 Datasheet
50Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS366 SANYO-1SS366 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
1SS375 SANYO-1SS375 Datasheet
51Kb / 2P
VHF, UHF Detector and Mixer Applications
2SC4407 SANYO-2SC4407 Datasheet
95Kb / 4P
VHF/UHF Mixer, Local Oscillator Applications???
logo
Toshiba Semiconductor
1SS154 TOSHIBA-1SS154_07 Datasheet
204Kb / 3P
UHF~S Band Mixer/Detector Applications
logo
Guangdong Kexin Industr...
1SS375 KEXIN-1SS375 Datasheet
44Kb / 1P
VHF,UHF Detector and Mixer Applications
logo
Sanyo Semicon Device
1SS351 SANYO-1SS351_12 Datasheet
358Kb / 6P
UHF Detector, Mixer Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com