Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1289 Datasheet (PDF) - Sanyo Semicon Device

2SA1289 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1289
Download  2SA1289 Download
File Size   103.25 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V/5A High-Speed Switching Applications

2SA1289 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1289 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1289
Download  2SA1289 Click to download

File Size   103.25 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 60V/5A High-Speed Switching Applications

2SA1289 Datasheet (HTML) - Sanyo Semicon Device


2SA1289 Product details

60V/5A High-Speed Switching Applications

Features
• Low saturation voltage.
• Excellent current dependence of hFE.
• Short switching time.

Applications
• Various inductance lamp drivers for electrical equipment.
• Inverters, converters (strobo, flash, fluorescent lamp lighting circuit).
• Power amp (high power car stereo, motor controller).
• High-speed switching (switching regulator, driver).




Similar Part No. - 2SA1289

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1289 ISC-2SA1289 Datasheet
123Kb / 4P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SA1289 SAVANTIC-2SA1289 Datasheet
138Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1289 JMNIC-2SA1289 Datasheet
201Kb / 4P
Silicon PNP Power Transistors
2SA1289 JMNIC-2SA1289 Datasheet
201Kb / 4P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1289 NJSEMI-2SA1289 Datasheet
184Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1289

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1469 SANYO-2SA1469 Datasheet
101Kb / 4P
60V/5A High-Speed Switching Applications
2SA2023 SANYO-2SA2023 Datasheet
41Kb / 4P
60V / 5A High-Speed Switching Applications
logo
Rohm
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952_09 Datasheet
164Kb / 3P
High-speed Switching Transistor (-60V, -5A)
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
High speed switching transistor (60V, 5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
High speed switching transistor (60V, 5A)
2SA1906 ROHM-2SA1906 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A
2SA2006 ROHM-2SA2006 Datasheet
57Kb / 1P
For high speed switching (−60V, −5A)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com