Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1404 Datasheet (PDF) - Sanyo Semicon Device

2SA1404 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1404
Download  2SA1404 Download
File Size   116.21 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ultrahigh-Definition CRT Display Video Output Applications?

2SA1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1404 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1404
Download  2SA1404 Click to download

File Size   116.21 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Ultrahigh-Definition CRT Display Video Output Applications?

2SA1404 Datasheet (HTML) - Sanyo Semicon Device


2SA1404 Product details

Ultrahigh-Definition CRT Display Video Output Applications

Features
• High fT : fT typ=500MHz.
• High breakdown voltage : VCEO≥120V.
• Small reverse transfer capacitance and excellent high-frequency characteristic : Cre=1.6pF (NPN), 2.1pF (PNP).
• Complementary pair with the 2SA1404/2SC3598.
• Adoption of FBET process.

Applictions
• Ultrahigh-definition CRT display.
• Video output.
• Color TV chroma output.
• Wide-band amp.




Similar Part No. - 2SA1404

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1400 NEC-2SA1400 Datasheet
215Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
2SA1400-Z NEC-2SA1400-Z Datasheet
215Kb / 4P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR MP-3?
logo
Guangdong Kexin Industr...
2SA1400-Z KEXIN-2SA1400-Z Datasheet
40Kb / 1P
Silicon Transistor
logo
Renesas Technology Corp
2SA1400-Z RENESAS-2SA1400-Z Datasheet
749Kb / 6P
SILICON POWER TRANSISTOR
2006
logo
Sanyo Semicon Device
2SA1402 SANYO-2SA1402 Datasheet
117Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications?
More results


Similar Description - 2SA1404

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1352 SANYO-2SA1352 Datasheet
132Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications
2SA1353 SANYO-2SA1353 Datasheet
131Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications?
2SA1380 SANYO-2SA1380 Datasheet
136Kb / 4P
Ultrahigh-Definition CRT Display, Video Output Applications???
2SA1402 SANYO-2SA1402 Datasheet
117Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications?
2SA1403 SANYO-2SA1403 Datasheet
117Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications?
2SA1405 SANYO-2SA1405 Datasheet
122Kb / 4P
Ultrahigh-Definition CRT Display Video Output Applications?
2SA1407 SANYO-2SA1407 Datasheet
212Kb / 8P
Ultrahigh-Definition CRT Display Video Output Applications?
2SC3595 SANYO-2SC3595 Datasheet
79Kb / 3P
Ultrahigh-Definition CRT Display Applications
2SC4188 SANYO-2SC4188 Datasheet
89Kb / 3P
Ultrahigh-Definition Display Video Output Applications??????
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com