Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1415 Datasheet (PDF) - Sanyo Semicon Device

2SA1415 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1415
Download  2SA1415 Download
File Size   108.68 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching, Predriver Applications

2SA1415 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1415 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1415
Download  2SA1415 Click to download

File Size   108.68 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching, Predriver Applications

2SA1415 Datasheet (HTML) - Sanyo Semicon Device


2SA1415 Product details

High-Voltage Switching, Predriver Applications

Features
• Adoption of FBET process.
• High breakdown voltage (VCEO=160V).
• Excellent linearity of hFE and small Cob.
• Fast switching speed.
• Very small size marking it easy to provide high density, small-sized hybrid ICs.




Similar Part No. - 2SA1415

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
logo
Guangdong Kexin Industr...
2SA1415-HF KEXIN-2SA1415-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SA1415-R KEXIN-2SA1415-R Datasheet
1Mb / 3P
PNP Transistors
2SA1415-R-HF KEXIN-2SA1415-R-HF Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SA1415

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SA1208 SANYO-2SA1208 Datasheet
107Kb / 4P
High-Voltage Switching, Audio 80W Output Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1418 SANYO-2SA1418 Datasheet
113Kb / 4P
High-Voltage Switching, Predriver Applications
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
logo
Unisonic Technologies
2SC3648 UTC-2SC3648 Datasheet
171Kb / 4P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_10 Datasheet
233Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC3648 UTC-2SC3648_15 Datasheet
243Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
2SC4027 UTC-2SC4027_15 Datasheet
152Kb / 5P
HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
logo
ON Semiconductor
2SA1415 ONSEMI-2SA1415 Datasheet
96Kb / 5P
High-Voltage Switching Predriver Applications
Jan-2011, Rev. 0
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com