Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3955 Datasheet (PDF) - Sanyo Semicon Device

C3955 Datasheet PDF - Sanyo Semicon Device
Part # C3955
Download  C3955 Download
File Size   113.93 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications

C3955 Datasheet (PDF)

Go To PDF Page Download Datasheet
C3955 Datasheet PDF - Sanyo Semicon Device

Part # C3955
Download  C3955 Click to download

File Size   113.93 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications

C3955 Datasheet (HTML) - Sanyo Semicon Device


C3955 Product details

High-Definition CRT Display Video Output Applications

Features
• High gain-bandwidth product : fT=300MHz.
• High breakdown voltage : VCEO=200Vmin.
• Small reverse transfer capacitance and excellent high frequency characteristics : Cre=1.5pF/NPN, 1.8pF/ PNP.
• Complementary PNP and NPN types.
• Adoption of FBET process.
• Micaless type : TO-126 plastic package.

Applications
• High-definition CRT display video output, wide-band amplifier.




Similar Part No. - C3955

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C395 COILCRAFT-C395 Datasheet
100Kb / 1P
Designer’s Kits
logo
Sanyo Semicon Device
C3950 SANYO-C3950 Datasheet
77Kb / 3P
High-Definition CRT Display Video Output Driver Applications?
C3953 SANYO-C3953 Datasheet
264Kb / 3P
HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT APPLICATIONS
C3953 SANYO-C3953 Datasheet
110Kb / 4P
High-Definition CRT Display Video Output Applications
logo
New Jersey Semi-Conduct...
C395A NJSEMI-C395A Datasheet
184Kb / 2P
Silicon Controlled Rectifier
More results


Similar Description - C3955

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
High-Definition CRT Display, Video Output Applications????
2SA1539 SANYO-2SA1539 Datasheet
114Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1697 SANYO-2SA1697 Datasheet
105Kb / 4P
High-Definition CRT Display, Video Output Applications??????
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1749 SANYO-2SA1749 Datasheet
120Kb / 4P
High-Definition CRT Display Video Output Applications???????
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com