Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1606 Datasheet (PDF) - Sanyo Semicon Device

2SA1606 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1606
Download  2SA1606 Download
File Size   99.03 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching,AF 100W Driver Applications

2SA1606 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1606 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1606
Download  2SA1606 Click to download

File Size   99.03 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Switching,AF 100W Driver Applications

2SA1606 Datasheet (HTML) - Sanyo Semicon Device


2SA1606 Product details

High-Voltage Switching, AF 100W Driver Applications



Features

· Micaless package facilitating mounting.



Applications

· High-voltage switching, AF power amplifier, 100W output predrivers.




Similar Part No. - 2SA1606

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1606 ISC-2SA1606 Datasheet
104Kb / 2P
Complement to Type 2SC4159
logo
New Jersey Semi-Conduct...
2SA1606 NJSEMI-2SA1606 Datasheet
184Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1606

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1011 SANYO-2SA1011 Datasheet
90Kb / 3P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SA1209 SANYO-2SA1209 Datasheet
104Kb / 4P
160V/140mA High-Voltage Switching AF 100W Predriver Applications
2SA1257 SANYO-2SA1257 Datasheet
103Kb / 4P
High-Voltage Switching, AF Power Amp, 100W Output Predriver Applications
logo
Siemens Semiconductor G...
BCX12 SIEMENS-BCX12 Datasheet
141Kb / 4P
NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX13 SIEMENS-BCX13 Datasheet
141Kb / 4P
PNP Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
BCX42 SIEMENS-BCX42 Datasheet
139Kb / 4P
PNP Silicon AF and Switching Transistors (For general AF applications High breakdown voltage)
logo
Sanyo Semicon Device
2SA1210 SANYO-2SA1210 Datasheet
274Kb / 7P
HIGH VOLTAGE SWITCHING, AF 150W PREDRIVER APPLICATIONS
2SA1209 SANYO-2SA1209_02 Datasheet
46Kb / 5P
160V/140mA High-Voltage Switching and AF 100W Predriver Applications
2SA1011P SANYO-2SA1011P Datasheet
57Kb / 4P
High-Voltage Switching, AF Power Amp,100W Output Predriver Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com