Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4564 Datasheet (PDF) - Sanyo Semicon Device

2SC4564 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4564
Download  2SC4564 Download
File Size   120.64 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications???????

2SC4564 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4564 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4564
Download  2SC4564 Click to download

File Size   120.64 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Definition CRT Display Video Output Applications???????

2SC4564 Datasheet (HTML) - Sanyo Semicon Device


2SC4564 Product details

High-Definition CRT Display Video Output Applications

Features
• High fT : fT=400MHz (typ).
• High breakdown voltage : VCEO≥200V min.
• High current.
• Small reverse transfer capacitance and excellent high frequnecy chacateristics : C re=3.4pF (NPN) , 4.2pF (PNP).
• Complementary 2SA1749 and 2SC4564 types.
• Adoption of FBET process.




Similar Part No. - 2SC4564

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
logo
Guangdong Kexin Industr...
2SC4562 KEXIN-2SC4562 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
logo
Sanyo Semicon Device
2SC4563 SANYO-2SC4563 Datasheet
82Kb / 3P
Very High-Definition CRT Display Video Output Applications??????
logo
NEC
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
logo
Renesas Technology Corp
2SC4568 RENESAS-2SC4568 Datasheet
242Kb / 8P
SILICON TRANSISTOR
2001
More results


Similar Description - 2SC4564

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
High-Definition CRT Display, Video Output Applications????
2SA1539 SANYO-2SA1539 Datasheet
114Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1697 SANYO-2SA1697 Datasheet
105Kb / 4P
High-Definition CRT Display, Video Output Applications??????
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com