Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1777 Datasheet (PDF) - Sanyo Semicon Device

2SA1777 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1777
Download  2SA1777 Download
File Size   119.31 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Very High-Definition CRT Display, Video Output Applications????

2SA1777 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1777 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1777
Download  2SA1777 Click to download

File Size   119.31 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Very High-Definition CRT Display, Video Output Applications????

2SA1777 Datasheet (HTML) - Sanyo Semicon Device


2SA1777 Product details

Very High-Definition CRT Display Video Output Applications

Features
• High fT : fT=400MHz (typ).
• High breakdown voltage : VCEO≥250V(min).
• High current.
• Small reverse transfer capacitance and excellent high-frequnecy characteristic : Cre=3.4pF (NPN), 4.2pF (PNP).
• Complementary pair with the 2SA1777/2SC4623.
• Adoption of FBET process.




Similar Part No. - 2SA1777

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
515Kb / 7P
High-Voltage Switching Applications
logo
ON Semiconductor
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
logo
Sanyo Semicon Device
2SA1770 SANYO-2SA1770 Datasheet
515Kb / 7P
High-Voltage Switching Applications
logo
Inchange Semiconductor ...
2SA1770 ISC-2SA1770 Datasheet
325Kb / 2P
Silicon PNP Power Transistor
More results


Similar Description - 2SA1777

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1474 SANYO-2SA1474 Datasheet
113Kb / 4P
Very High-Definition CRT Display, Video Output Applications?
2SA1475 SANYO-2SA1475 Datasheet
115Kb / 4P
Very High-Definition CRT Display, Video Output Applications???
2SA1476 SANYO-2SA1476 Datasheet
102Kb / 3P
Very High-Definition CRT Display, Video Output Applications???
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
2SC4411 SANYO-2SC4411 Datasheet
84Kb / 3P
Very High-Definition CRT Display Video Output Applications???
2SC4563 SANYO-2SC4563 Datasheet
82Kb / 3P
Very High-Definition CRT Display Video Output Applications??????
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com