Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1815 Datasheet (PDF) - Sanyo Semicon Device

2SA1815 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1815
Download  2SA1815 Download
File Size   71.9 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications???

2SA1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1815 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1815
Download  2SA1815 Click to download

File Size   71.9 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications???

2SA1815 Datasheet (HTML) - Sanyo Semicon Device


2SA1815 Product details

PNP Epitaxial Planar Silicon Transistors

Features
• High power gain : PG=25dB (f=100MHz).
• High cutoff frequency ; fT=750MHz typ.
• Low collector-to-emitter saturation voltage.
• Complementary pair with the 2SC4432.




Similar Part No. - 2SA1815

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1815 KEXIN-2SA1815 Datasheet
36Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1815-3 KEXIN-2SA1815-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1815-HF KEXIN-2SA1815-HF Datasheet
1Mb / 3P
PNP Transistors
2SA1815-HF-3 KEXIN-2SA1815-HF-3 Datasheet
1Mb / 3P
PNP Transistors
2SA1815-JS3 KEXIN-2SA1815-JS3 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SA1815

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC2669 SAMSUNG-KSC2669 Datasheet
68Kb / 2P
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP)
KSC2715 SAMSUNG-KSC2715 Datasheet
70Kb / 2P
NPN (FM RADIO AMP, MIX, CONV OSC, IF AMP)
logo
Sanyo Semicon Device
2SA1857 SANYO-2SA1857 Datasheet
71Kb / 3P
FM,RM,MIX,IF Amp, High-Frequency General-Purpose Amp Applications????
FC120 SANYO-FC120 Datasheet
174Kb / 6P
High-Frequency General-Purpose Amp, Differential Amp Applications
logo
Fairchild Semiconductor
KSC2669 FAIRCHILD-KSC2669 Datasheet
40Kb / 4P
FM RADIO RF AMP, MIX, CONV, OSC, IF AMP
KSC2715 FAIRCHILD-KSC2715 Datasheet
59Kb / 4P
FM RADIO AMP, MIX, CONV, OSC, IF AMP
logo
Usha India Ltd.
2SC838 USHA-2SC838 Datasheet
50Kb / 1P
FM RADIO RF AMP,MIX, CONV, OSC, IF AMP
logo
Fairchild Semiconductor
KSC838 FAIRCHILD-KSC838 Datasheet
40Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC838YTA FAIRCHILD-KSC838YTA Datasheet
44Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
KSC838OTA FAIRCHILD-KSC838OTA Datasheet
44Kb / 4P
FM Radio RF AMP, MIX, CONV, OSC, IF AMP
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com