Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1826 Datasheet (PDF) - Sanyo Semicon Device

2SA1826 Datasheet PDF - Sanyo Semicon Device
Part # 2SA1826
Download  2SA1826 Download
File Size   129.35 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 100V/3A Switching Applications

2SA1826 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1826 Datasheet PDF - Sanyo Semicon Device

Part # 2SA1826
Download  2SA1826 Click to download

File Size   129.35 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 100V/3A Switching Applications

2SA1826 Datasheet (HTML) - Sanyo Semicon Device


2SA1826 Product details

100V/3A Switching Applications

Features
· Low collector-to-emitter saturation voltage.
· High Gain-Bandwidth Product.
· Excellent linearity of DC Current Gain.
· Fast switching speed.

Applications
· Relay drivers, high-speed inverters, converters, and other general high-current switching applications.




Similar Part No. - 2SA1826

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1820 ROHM-2SA1820 Datasheet
195Kb / 2P
TRANSISTORS TO 92L TO-92LS MRT
2SA1820 ROHM-2SA1820 Datasheet
88Kb / 2P
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE
logo
Toshiba Semiconductor
2SA1822 TOSHIBA-2SA1822 Datasheet
152Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING, SPEED DC-DC CONVERTER APPLICATIONS)
logo
Inchange Semiconductor ...
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
Silicon PNP Power Transistor
logo
Sanyo Semicon Device
2SA1823 SANYO-2SA1823 Datasheet
95Kb / 3P
20V/8A Switching Applications
More results


Similar Description - 2SA1826

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
100V/4A Switching Applications
2SB1144 SANYO-2SB1144 Datasheet
130Kb / 4P
100V/1.5A Switching Applications
2SB1167 SANYO-2SB1167 Datasheet
126Kb / 4P
100V/3A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
100V/4A Switching Applications
2SB1231 SANYO-2SB1231 Datasheet
120Kb / 4P
100V/25A Switching Applications
2SB1232 SANYO-2SB1232 Datasheet
112Kb / 4P
100V/40A Switching Applications
logo
PFC Device Inc.
PTA3L100 PFC-PTA3L100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
PTB3V100 PFC-PTB3V100 Datasheet
564Kb / 5P
3A 100V HPTR짰 Schottky Rectifier
SR3100H PFC-SR3100H Datasheet
559Kb / 5P
3A 100V Schottky Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com