Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD330 Datasheet (PDF) - Sanyo Semicon Device

2SD330 Datasheet PDF - Sanyo Semicon Device
Part # 2SD330
Download  2SD330 Download
File Size   85.92 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/2A Low-Frequency Power Amp Applications?

2SD330 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD330 Datasheet PDF - Sanyo Semicon Device

Part # 2SD330
Download  2SD330 Click to download

File Size   85.92 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V/2A Low-Frequency Power Amp Applications?

2SD330 Datasheet (HTML) - Sanyo Semicon Device


2SD330 Product details

PNP/NPN Triple Diffused Planar Silicon Transistors



Features

· Especially suited for use in output stage of 10W AF Power amplifier.

· Complementary pair with the 2SB514 and 2SD313.



 




Similar Part No. - 2SD330

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD330 SANYO-2SD330 Datasheet
740Kb / 9P
Low Frequency Power Amp Applications
logo
Inchange Semiconductor ...
2SD330 ISC-2SD330 Datasheet
254Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SD330

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705 Datasheet
133Kb / 4P
Low-Frequency Power Amp Applications
2SB1122 SANYO-2SB1122 Datasheet
117Kb / 4P
Low-Frequency Power Amp Applications?
2SB560 SANYO-2SB560 Datasheet
405Kb / 5P
Low-Frequency Power Amp Applications
2SB632 SANYO-2SB632 Datasheet
238Kb / 8P
25V/35V, 2A Low-Frequency Power Amp Applications?
2SD2028 SANYO-2SD2028 Datasheet
83Kb / 3P
Low-Frequency Power Amp Applications
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
37Kb / 2P
Low Frequency Transistor (50V, 2A)
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SD1912 SANYO-2SD1912 Datasheet
701Kb / 8P
LOW FREQUENCY POWER AMP APPLICATIONS
2SD331 SANYO-2SD331 Datasheet
740Kb / 9P
Low Frequency Power Amp Applications
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com