Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB633 Datasheet (PDF) - Sanyo Semicon Device

2SB633 Datasheet PDF - Sanyo Semicon Device
Part # 2SB633
Download  2SB633 Download
File Size   91.73 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 85V/6A, AF 25 to 35W Output Applications?

2SB633 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB633 Datasheet PDF - Sanyo Semicon Device

Part # 2SB633
Download  2SB633 Click to download

File Size   91.73 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 85V/6A, AF 25 to 35W Output Applications?

2SB633 Datasheet (HTML) - Sanyo Semicon Device


2SB633 Product details

85V/6A, AF 25 to 35W Output Applications

Features
· High breakdown voltage, VCEO85V, high current 6A.
· AF25 to 35W output.




Similar Part No. - 2SB633

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB633 MOSPEC-2SB633 Datasheet
125Kb / 3P
POWER TRANSISTORS(6.0A,85V,40W)
logo
Wing Shing Computer Com...
2SB633 WINGS-2SB633 Datasheet
69Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Savantic, Inc.
2SB633 SAVANTIC-2SB633 Datasheet
127Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB633 JMNIC-2SB633 Datasheet
205Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB633 ISC-2SB633 Datasheet
163Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB633

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
POWER TRANSISTORS(6A,85V,40W)
logo
Sanyo Semicon Device
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
85V/6A, AF 35W Output Applications???
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
140V / 12A, AF 60W Output Applications
2SB633P SANYO-2SB633P Datasheet
160Kb / 3P
85V/6A,AF 35 to 45W Output Applications
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
35W Output Power
logo
Sanyo Semicon Device
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com