Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB817 Datasheet (PDF) - Sanyo Semicon Device

2SB817 Datasheet PDF - Sanyo Semicon Device
Part # 2SB817
Download  2SB817 Download
File Size   116.28 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V/12A, AF 60W Output Applications??????

2SB817 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB817 Datasheet PDF - Sanyo Semicon Device

Part # 2SB817
Download  2SB817 Click to download

File Size   116.28 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 140V/12A, AF 60W Output Applications??????

2SB817 Datasheet (HTML) - Sanyo Semicon Device


2SB817 Product details

Features
• Capable of being mounted easily because of one
   point fixing type plastic molded package (Inter
   changeable with TO-3).
• Wide ASO because of on-chip ballast resistance.
• Good depenedence of fT on current and excellent
   high frequency responce.
  
The descriptions in parentheses are for the 2SB817 only :
   other descriptions than those in parentheses are common
   to the 2SB817 and 2SD1047.




Similar Part No. - 2SB817

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
logo
Wing Shing Computer Com...
2SB817 WINGS-2SB817 Datasheet
48Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Savantic, Inc.
2SB817 SAVANTIC-2SB817 Datasheet
186Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB817 JMNIC-2SB817 Datasheet
204Kb / 4P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB817 ISC-2SB817 Datasheet
172Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB817

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB817 MOSPEC-2SB817 Datasheet
123Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
2SD1047 MOSPEC-2SD1047 Datasheet
130Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
logo
Sanyo Semicon Device
2SA1207 SANYO-2SA1207 Datasheet
108Kb / 4P
High-Voltage Switching, AF 60W Predriver Applications
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
85V/6A, AF 35W Output Applications???
2SB776 SANYO-2SB776 Datasheet
116Kb / 4P
100V/7A, AF 40W Output Applications????
2SA2062 SANYO-2SA2062 Datasheet
34Kb / 4P
140V / 10A, AF70W Output Applications
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
140V / 12A, AF 60W Output Applications
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com