Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB904 Datasheet (PDF) - Sanyo Semicon Device

2SB904 Datasheet PDF - Sanyo Semicon Device
Part # 2SB904
Download  2SB904 Download
File Size   100.02 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V/20A High-Speed Switching Applications

2SB904 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB904 Datasheet PDF - Sanyo Semicon Device

Part # 2SB904
Download  2SB904 Click to download

File Size   100.02 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V/20A High-Speed Switching Applications

2SB904 Datasheet (HTML) - Sanyo Semicon Device


2SB904 Product details

30V/12A High-Speed Switching Applications

Features
• Low collector-to-emitter saturation voltage : VCE(sat)=–0.5V (PNP), 0.4V (NPN) max.
• Large current capacity.

Applications
• Large current switching of relay drivers, high-speed inverters, converters.




Similar Part No. - 2SB904

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB904 SAVANTIC-2SB904 Datasheet
148Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB904 ISC-2SB904 Datasheet
167Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB904 SAVANTIC-2SB904 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB904

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1468 SANYO-2SB1468 Datasheet
113Kb / 3P
30V/8A High-Speed Switching Applications
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
30V/12A High-Speed Switching Applications
2SB919 SANYO-2SB919 Datasheet
102Kb / 3P
30V/8A High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
High Speed Switching Applications Analog Switching Applications
2SJ344 TOSHIBA-2SJ344_07 Datasheet
580Kb / 5P
High Speed Switching Applications
1SS419 TOSHIBA-1SS419 Datasheet
122Kb / 3P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4522 KEXIN-2SC4522 Datasheet
45Kb / 2P
High-Speed Switching Applications
logo
Toshiba Semiconductor
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
High Speed Switching Applications Analog Switching Applications
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
High-Speed Switching Applications Analog Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com