Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4204 Datasheet (PDF) - Sanyo Semicon Device

2SC4204 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4204
Download  2SC4204 Download
File Size   90.48 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-hFE, AF Amp Applications??????????

2SC4204 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4204 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4204
Download  2SC4204 Click to download

File Size   90.48 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-hFE, AF Amp Applications??????????

2SC4204 Datasheet (HTML) - Sanyo Semicon Device


2SC4204 Product details

High-hFE, AF Amp Application

Features
• Adoption of MBIT process.
• High DC current gain (hFE=800 to 3200).
• Large current capacity (IC=0.7A).
• Low collector-to-emitter saturation voltage (V CE(sat)≤0.5V).
• High VEBO(VEBO≥15V).

Applications
• AF amp, various drivers




Similar Part No. - 2SC4204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4200 TOSHIBA-2SC4200 Datasheet
226Kb / 3P
NPN EPITAXIAL TYPE (VIDEO DRIVER FOR SUPER HIGH RESOLUTION DISPLAY HIGH SPEED SWITCHING APPLICATIONS)
03-Feb-1997
2SC4203 TOSHIBA-2SC4203 Datasheet
193Kb / 3P
EPITAXIAL PLANAR TYPE (VIDEO OUTPUT FOR HIGH DEFINITION VDT HIGH SPEED SWITCHING APPLICATIONS)
16-Jun-1999
logo
Inchange Semiconductor ...
2SC4203 ISC-2SC4203 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
2SC4203 ISC-2SC4203 Datasheet
275Kb / 2P
Silicon NPN Power Transistor
2SC4203-251 ISC-2SC4203-251 Datasheet
294Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - 2SC4204

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1253 SANYO-2SA1253 Datasheet
110Kb / 4P
High-hFE,AF Amp Applications
2SA1392 SANYO-2SA1392 Datasheet
117Kb / 4P
AF Amp Applications
2SA1435 SANYO-2SA1435 Datasheet
83Kb / 3P
High-hFE,AF Amp Applications????
2SA1436 SANYO-2SA1436 Datasheet
82Kb / 3P
High-hFE,AF Amp Applications????
2SA1437 SANYO-2SA1437 Datasheet
76Kb / 3P
High-hFE,AF Amp Applications????
2SA1562 SANYO-2SA1562 Datasheet
88Kb / 3P
High-hFE,AF Amp Applications??????
2SC3820 SANYO-2SC3820 Datasheet
79Kb / 3P
High-hFE, AF Amp Applications?????????
2SC4390 SANYO-2SC4390 Datasheet
82Kb / 3P
High-hFE, AF Amp Applications
logo
Fairchild Semiconductor
KSD1273 FAIRCHILD-KSD1273 Datasheet
61Kb / 5P
High hFE, AF Power Amplifier
KSD1273P FAIRCHILD-KSD1273P Datasheet
66Kb / 5P
High hFE, AF Power Amplifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com