Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4217 Datasheet (PDF) - Sanyo Semicon Device

C4217 Datasheet PDF - Sanyo Semicon Device
Part # C4217
Download  C4217 Download
File Size   84.1 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications

C4217 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4217 Datasheet PDF - Sanyo Semicon Device

Part # C4217
Download  C4217 Click to download

File Size   84.1 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Color TV Chroma Output, Sound Output, B/W TV Video Output, Sound Output Applications

C4217 Datasheet (HTML) - Sanyo Semicon Device


C4217 Product details

Color TV Chroma Output and Audio Output Applications



Features

· High breakdown voltage (VCEO≥300V).

· Micaless package facilitating easy mounting.




Similar Part No. - C4217

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C421 COILCRAFT-C421 Datasheet
8Mb / 60P
MAGNETICS FOR RF, POWER,FILTER AND DATA APPLICATIONS
NOVEMBER 2021
C421 COILCRAFT-C421 Datasheet
100Kb / 1P
Designer’s Kits
logo
Panasonic Semiconductor
C4212 PANASONIC-C4212 Datasheet
60Kb / 3P
Silicon NPN triple diffusion planar type
logo
General Cable Technolog...
C4213A GENERAL-C4213A Datasheet
59Kb / 1P
2C 16 AWG (19/29)TC PVC, OAS, PVC COMMUNICATION CABLE
More results


Similar Description - C4217

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1037 SANYO-2SB1037 Datasheet
107Kb / 4P
Color TV Vertical Output, Sound Output Applications
2SC4075 SANYO-2SC4075 Datasheet
73Kb / 3P
Color TV Chroma Output And Sound Output Applications
logo
Fairchild Semiconductor
KSC1507 FAIRCHILD-KSC1507 Datasheet
41Kb / 4P
Color TV Chroma Output
KSC2330A FAIRCHILD-KSC2330A Datasheet
38Kb / 6P
Color TV Chroma Output
KSC2688 FAIRCHILD-KSC2688 Datasheet
33Kb / 4P
Color TV Chroma Output & Video Output
KSE13001 FAIRCHILD-KSE13001 Datasheet
43Kb / 4P
Color TV Chroma Output
KSC2330 FAIRCHILD-KSC2330 Datasheet
37Kb / 4P
Color TV Chroma Output
logo
Toshiba Semiconductor
2SA1408 TOSHIBA-2SA1408_07 Datasheet
139Kb / 5P
Color TV Vertical Deflection Output Applications Color TV Class-B Sound Output Applications
logo
Fairchild Semiconductor
KSC1507YTSTU FAIRCHILD-KSC1507YTSTU Datasheet
47Kb / 4P
Color TV Chroma Output
KSC1507Y FAIRCHILD-KSC1507Y Datasheet
47Kb / 4P
Color TV Chroma Output
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com