Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4433 Datasheet (PDF) - Sanyo Semicon Device

2SC4433 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4433
Download  2SC4433 Download
File Size   67.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description HF Amp Applications

2SC4433 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4433 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4433
Download  2SC4433 Click to download

File Size   67.04 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description HF Amp Applications

2SC4433 Datasheet (HTML) - Sanyo Semicon Device


2SC4433 Product details

HF Amplifier Applications

Features
• High power gain : PG=28dB typ (f=100MHz).
• High cutoff frequency : fT=750MHz typ.
• Small Cob, Cre.




Similar Part No. - 2SC4433

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4430 SANYO-2SC4430 Datasheet
99Kb / 3P
Switching Regulator Applications
logo
Inchange Semiconductor ...
2SC4430 ISC-2SC4430 Datasheet
173Kb / 4P
Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC4432 SANYO-2SC4432 Datasheet
44Kb / 2P
High-Frequency General-Purpose
logo
Guangdong Kexin Industr...
2SC4432 KEXIN-2SC4432 Datasheet
949Kb / 2P
NPN Transistors
2SC4432-3 KEXIN-2SC4432-3 Datasheet
978Kb / 2P
NPN Transistors
More results


Similar Description - 2SC4433

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1177 SANYO-2SA1177 Datasheet
118Kb / 4P
HF Amp Applications
2SC2839 SANYO-2SC2839 Datasheet
109Kb / 4P
HF Amp Applications
2SC2999 SANYO-2SC2999 Datasheet
189Kb / 5P
HF Amplifier Applications
2SC3000 SANYO-2SC3000 Datasheet
109Kb / 4P
HF Amp Applications?
2SC3770 SANYO-2SC3770 Datasheet
67Kb / 3P
UHF,VHF Oscillator, Mixer, HF Amp Applications
2SC3771 SANYO-2SC3771 Datasheet
103Kb / 4P
UHF,VHF Oscillator, Mixer, HF Amp Applications?
2SK2394 SANYO-2SK2394 Datasheet
80Kb / 3P
Low-Noise HF Amp Applications
2SK2395 SANYO-2SK2395 Datasheet
79Kb / 3P
Low-Noise HF Amp Applications?
2SK404 SANYO-2SK404 Datasheet
67Kb / 3P
HF Amp, AF Amp Applications
SC2999 SANYO-SC2999 Datasheet
131Kb / 5P
NPN Epitaxial Planar Silicon Transistor(HF Amp Applications)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com