Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC4051 Datasheet (PDF) - ON Semiconductor

HC4051 Datasheet PDF - ON Semiconductor
Part # HC4051
Download  HC4051 Download
File Size   213.86 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Performance Silicon-Gate CMOS

HC4051 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC4051 Datasheet PDF - ON Semiconductor

Part # HC4051
Download  HC4051 Click to download

File Size   213.86 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High-Performance Silicon-Gate CMOS

HC4051 Datasheet (HTML) - ON Semiconductor


HC4051 Product details

Analog Multiplexers/Demultiplexers
High–Performance Silicon–Gate CMOS

The MC54/74HC4051, MC74HC4052 and MC54/74HC4053 utilize silicon–gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF leakage currents. These analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from VCC to VEE).
The HC4051, HC4052 and HC4053 are identical in pinout to the metal–gate MC14051B, MC14052B and MC14053B. The Channel–Select inputs determine which one of the Analog Inputs/Outputs is to be connected, by means of an analog switch, to the Common Output/Input. When the Enable pin is HIGH, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard CMOS outputs; with pullup resistors they are compatible with LSTTL outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
For multiplexers/demultiplexers with channel–select latches, see HC4351, HC4352 and HC4353.

• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (VCC – VEE) = 2.0 to 12.0 V
• Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
• Improved Linearity and Lower ON Resistance Than Metal–Gate
   Counterparts
• Low Noise
• In Compliance With the Requirements of JEDEC Standard No. 7A
• Chip Complexity:
   HC4051 — 184 FETs or 46 Equivalent Gates
   HC4052 — 168 FETs or 42 Equivalent Gates
   HC4053 — 156 FETs or 39 Equivalent Gates




Similar Part No. - HC4051

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HC4051M TI-HC4051M Datasheet
1Mb / 49P
CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
More results


Similar Description - HC4051

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
Integral Corp.
IN9270 INTEGRAL-IN9270 Datasheet
373Kb / 11P
DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4541B KODENSHI-KK4541B Datasheet
285Kb / 6P
Programmable Timer High-Performance Silicon-Gate CMOS
KK9270 KODENSHI-KK9270 Datasheet
579Kb / 12P
DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4541B IKSEMICON-IW4541B Datasheet
204Kb / 6P
Programmable Timer High-Performance Silicon-Gate CMOS
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
Presettable Counters High-Performance Silicon-Gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
High-performance Silicon-gate CMOS
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
High–Performance Silicon–Gate CMOS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com