Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4632 Datasheet (PDF) - Sanyo Semicon Device

C4632 Datasheet PDF - Sanyo Semicon Device
Part # C4632
Download  C4632 Download
File Size   79.09 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Amp, High-Voltage Switching Applications

C4632 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4632 Datasheet PDF - Sanyo Semicon Device

Part # C4632
Download  C4632 Click to download

File Size   79.09 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Voltage Amp, High-Voltage Switching Applications

C4632 Datasheet (HTML) - Sanyo Semicon Device


C4632 Product details

High-Voltage Amp,

High-Voltage Switching Applications



Features

• High breakdown voltage(VCEO min=1200V).

• Small Cob(typical Cob=1.6pF).

• Full-isolation package.

• High reliability(Adoption of HVP process).




Similar Part No. - C4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
C4633 SANYO-C4633 Datasheet
92Kb / 3P
1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
C4634 SANYO-C4634 Datasheet
84Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
C4636 SANYO-C4636 Datasheet
110Kb / 3P
1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
More results


Similar Description - C4632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1968 SANYO-2SA1968 Datasheet
81Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC3676 SANYO-2SC3676 Datasheet
84Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4156 SANYO-2SC4156 Datasheet
76Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4257 SANYO-2SC4257 Datasheet
77Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4475 SANYO-2SC4475 Datasheet
82Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4476 SANYO-2SC4476 Datasheet
85Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4631 SANYO-2SC4631 Datasheet
84Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4633 SANYO-2SC4633 Datasheet
79Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4634 SANYO-2SC4634 Datasheet
84Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
2SC4636 SANYO-2SC4636 Datasheet
86Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com