Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4694 Datasheet (PDF) - Sanyo Semicon Device

2SC4694 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4694
Download  2SC4694 Download
File Size   85.78 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Frequency General-Purpose Amp, Muting Applications????????????

2SC4694 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4694 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4694
Download  2SC4694 Click to download

File Size   85.78 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Frequency General-Purpose Amp, Muting Applications????????????

2SC4694 Datasheet (HTML) - Sanyo Semicon Device


2SC4694 Product details

Low-Frequency General-Purpose Amplifier, Muting Applications

Features
• Adoption of MBIT process.
• High DC current gain.
• High VEBO (VEBO≥25V).
• High reverse hFE (150 typ).
• Small ON resistance [Ron=1Ω (IB=5mA)].
• Very small-sized package permitting 2SC4694-applied sets to be made small and slim.




Similar Part No. - 2SC4694

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4694 KEXIN-2SC4694 Datasheet
50Kb / 2P
NPN Epitaxial Planar Silicon Transistors
More results


Similar Description - 2SC4694

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1687 SANYO-2SA1687 Datasheet
118Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SA1701 SANYO-2SA1701 Datasheet
119Kb / 4P
Low-Frequency General-Purpose Amp Applications????
2SA1745 SANYO-2SA1745 Datasheet
106Kb / 4P
Low-Frequency General-Purpose Amp Applications
2SA1813 SANYO-2SA1813 Datasheet
81Kb / 3P
Low-Frequency General-Purpose Amp, Driver, Muting Circuit Applications?
2SA1814 SANYO-2SA1814 Datasheet
83Kb / 3P
Low-Frequency General-Purpose Amp, Driver, Muting Circuit Applications???
2SA1881 SANYO-2SA1881 Datasheet
123Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SA1882 SANYO-2SA1882 Datasheet
124Kb / 4P
Low-Frequency General-Purpose Amp Applications?
2SB1295 SANYO-2SB1295 Datasheet
114Kb / 4P
Low-Frequency General-Purpose Amp Applications???
2SC4413 SANYO-2SC4413 Datasheet
82Kb / 3P
Low-Frequency General-Purpose Amp Applications??????????
2SC4695 SANYO-2SC4695 Datasheet
86Kb / 3P
Low-Frequency General-Purpose Amp, Muting Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com