Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4863 Datasheet (PDF) - Sanyo Semicon Device

2SC4863 Datasheet PDF - Sanyo Semicon Device
Part # 2SC4863
Download  2SC4863 Download
File Size   108.13 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amp Applications

2SC4863 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4863 Datasheet PDF - Sanyo Semicon Device

Part # 2SC4863
Download  2SC4863 Click to download

File Size   108.13 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description VHF to UHF Wide-Band Low-Noise Amp Applications

2SC4863 Datasheet (HTML) - Sanyo Semicon Device


2SC4863 Product details

VHF to UHF Wide-Band Low-Noise Amplifier Applications

Features
• Low noise : NF=1.1dB typ (f=1GHz).
• High gain : |S21e|2=11dB typ (f=1GHz).
• High cutoff frequency : fT=7.0GHz typ.




Similar Part No. - 2SC4863

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4860 SANYO-2SC4860 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications
2SC4861 SANYO-2SC4861 Datasheet
106Kb / 4P
UHF Converter, Local Oscillator Applications?
2SC4864 SANYO-2SC4864 Datasheet
107Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4865 SANYO-2SC4865 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4867 SANYO-2SC4867 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
More results


Similar Description - 2SC4863

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4864 SANYO-2SC4864 Datasheet
107Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4865 SANYO-2SC4865 Datasheet
108Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4867 SANYO-2SC4867 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4868 SANYO-2SC4868 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4869 SANYO-2SC4869 Datasheet
109Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications?
2SC4931 SANYO-2SC4931 Datasheet
111Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5226 SANYO-2SC5226 Datasheet
123Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5227 SANYO-2SC5227 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5229 SANYO-2SC5229 Datasheet
127Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
2SC5230 SANYO-2SC5230 Datasheet
122Kb / 4P
VHF to UHF Wide-Band Low-Noise Amp Applications???
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com