Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6267 Datasheet (PDF) - Sirectifier Global Corp.

1N6267 Datasheet PDF - Sirectifier Global Corp.
Part # 1N6267
Download  1N6267 Download
File Size   226.45 Kbytes
Page   6 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 1500W TRANSIENT VOLTAGE SUPPRESSOR

1N6267 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6267 Datasheet PDF - Sirectifier Global Corp.

Part # 1N6267
Download  1N6267 Click to download

File Size   226.45 Kbytes
Page   6 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 1500W TRANSIENT VOLTAGE SUPPRESSOR

1N6267 Datasheet (HTML) - Sirectifier Global Corp.


1N6267 Product details

FEATURES
● PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0
● 1500W SURGE CAPABILITY AT 1ms
● EXCELLENT CLAMPING CAPABILITY
● LOW ZENER IMPEDANCE
● FAST RESPONSE TIME:TYPICALLY LESS THAN 1.0 PS FROM 0 VOLTS TO BV MIN
● TYPICAL IR LESS THAN 1μA ABOVE 10V
● HIGH TEMPERATURE SOLDERING GUARANTEED:260℃ /10S /.375" (9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
● LEAD FREE




Similar Part No. - 1N6267

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6267 TRSYS-1N6267 Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6267 DCCOM-1N6267 Datasheet
740Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6267 EIC-1N6267 Datasheet
27Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
1N6267 MICROSEMI-1N6267 Datasheet
252Kb / 2P
TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
1N6267 VISHAY-1N6267 Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
More results


Similar Description - 1N6267

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSOR
Rev 13.2.2003
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
1500W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
1500W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
1500W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com