Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N152AT23 Datasheet (PDF) - Sirectifier Global Corp.

N152AT23 Datasheet PDF - Sirectifier Global Corp.
Part # N152AT23
Download  N152AT23 Download
File Size   261.25 Kbytes
Page   3 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 300W Surface Mount TVS Diodes

N152AT23 Datasheet (PDF)

Go To PDF Page Download Datasheet
N152AT23 Datasheet PDF - Sirectifier Global Corp.

Part # N152AT23
Download  N152AT23 Click to download

File Size   261.25 Kbytes
Page   3 Pages
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.
Description 300W Surface Mount TVS Diodes

N152AT23 Datasheet (HTML) - Sirectifier Global Corp.




Similar Part No. - N152AT23

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
N152 IVO-N152 Datasheet
489Kb / 4P
Spindle Position Displays
N152.113AA01 IVO-N152.113AA01 Datasheet
489Kb / 4P
Spindle Position Displays
N152.113BA01 IVO-N152.113BA01 Datasheet
489Kb / 4P
Spindle Position Displays
N152.123AA01 IVO-N152.123AA01 Datasheet
489Kb / 4P
Spindle Position Displays
N152.123BA01 IVO-N152.123BA01 Datasheet
489Kb / 4P
Spindle Position Displays
More results


Similar Description - N152AT23

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMD03 SECOS-SMD03 Datasheet
630Kb / 2P
300W TVS DIODE
logo
RFE international
SMAJ RFE-SMAJ Datasheet
54Kb / 1P
SURFACE MOUNT TVS DIODE SMAJ, SMBJ & SMCJ, 300W to 1500W P
SMXJ60 RFE-SMXJ60 Datasheet
91Kb / 1P
SURFACE MOUNT TVS & Zener Diodes
logo
Sirectifier Global Corp...
L054BT26 SIRECT-L054BT26 Datasheet
464Kb / 8P
Low Capacitance Surface Mount TVS Diodes
L055AT56 SIRECT-L055AT56 Datasheet
341Kb / 3P
50W 5-Line Array Surface Mount TVS Diodes
N055AT56 SIRECT-N055AT56 Datasheet
341Kb / 3P
50W 5-Line Array Surface Mount TVS Diodes
logo
Weitron Technology
WOSD03 WEITRON-WOSD03_09 Datasheet
316Kb / 4P
Surface Mount TVS Diodes Array for ESD Protection
logo
Littelfuse
SMF4L LITTELFUSE-SMF4L Datasheet
1Mb / 6P
TVS Diodes Surface Mount ??400W
SMDJ58CA-T7 LITTELFUSE-SMDJ58CA-T7 Datasheet
1,011Kb / 6P
TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
SZ1SMA LITTELFUSE-SZ1SMA Datasheet
794Kb / 7P
TVS Diodes Surface Mount > 400W > SZ1SMA Series
Revised: GD. 12/18/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com