Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9961 Datasheet (PDF) - Analog Devices

AD9961 Datasheet PDF - Analog Devices
Part # AD9961
Download  AD9961 Download
File Size   1000.05 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-/12-Bit, Low Power, Broadband MxFE

AD9961 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9961 Datasheet PDF - Analog Devices

Part # AD9961
Download  AD9961 Click to download

File Size   1000.05 Kbytes
Page   60 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-/12-Bit, Low Power, Broadband MxFE

AD9961 Datasheet (HTML) - Analog Devices


AD9961 Product details

GENERAL DESCRIPTION
The AD9961/AD9963 are pin-compatible, 10-/12-bit, low power MxFE® converters that provide two ADC channels with sample rates of 100 MSPS and two DAC channels with sample rates to 170 MSPS. These converters are optimized for transmit and receive signal paths of communication systems requiring low power and low cost. The digital interfaces provide flexible clocking options. The transmit is configurable for 1×, 2×, 4×, and 8× interpolation. The receive path has a bypassable 2× decimating low-pass filter.

FEATURES
    Dual 10-bit/12-bit, 100 MSPS ADC
        SNR = 67 dB, fIN = 30.1 MHz
    Dual 10-bit/12-bit, 170 MSPS DAC
        ACLR = 74 dBc
    5 channels of analog auxiliary input/output
    Low power, <425 mW at maximum sample rates
    Supports full and half-duplex data interfaces
    Small 72-lead LFCSP lead-free package

APPLICATIONS
    Wireless infrastructure Picocell, femtocell basestations
    Medical instrumentation Ultrasound AFE
    Portable instrumentation Signal generators, signal analyzers




Similar Part No. - AD9961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
AD9961-EBZ AD-AD9961-EBZ Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
AD9961BCPZ AD-AD9961BCPZ Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
AD9961BCPZRL AD-AD9961BCPZRL Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
AD9961 AD-AD9961_12 Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
More results


Similar Description - AD9961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
logo
Maxim Integrated Produc...
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Analog Devices
AD9961 AD-AD9961_12 Datasheet
1Mb / 61P
10-/12-Bit, Low Power, Broadband MxFE
REV. A
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com