Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2302 Datasheet (PDF) - Analog Devices

ADP2302 Datasheet PDF - Analog Devices
Part # ADP2302
Download  ADP2302 Download
File Size   1009.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators

ADP2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP2302 Datasheet PDF - Analog Devices

Part # ADP2302
Download  ADP2302 Click to download

File Size   1009.36 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators

ADP2302 Datasheet (HTML) - Analog Devices


ADP2302 Product details

GENERAL DESCRIPTION

The ADP2302/ADP2303 are fixed frequency, current-mode control, step-down, dc-to-dc regulators with an integrated power MOSFET. The ADP2302/ADP2303 can run from an input voltage of 3.0 V to 20 V, which makes them suitable for a wide range of applications. The output voltage of the ADP2302/ADP2303 can be down to 0.8 V for the adjustable version, while the fixed output version is available in preset output voltage options of 5.0 V, 3.3 V, and 2.5 V. The 700 kHz operating frequency allows small inductor and ceramic capacitors to be used, providing a compact solution. Current mode control provides fast and stable line and load transient performance.



FEATURES

  Wide input voltage range: 3.0 V to 20 V

  Maximum load current

    2 A for ADP2302

    3 A for ADP2303

  ±1.5% output accuracy over temperature

  Output voltage down to 0.8 V

  700 kHz switching frequency

  Current-mode control architecture

  Automatic PFM/PWM mode

  Precision enable pin with hysteresis

  Integrated high-side MOSFET

  Integrated bootstrap diode

  Internal compensation and soft start

  Power-good output

  Undervoltage lockout (UVLO)

  Overcurrent protection (OCP)

  Thermal shutdown (TSD)

  8-lead SOIC package with exposed paddle



APPLICATIONS

  Intermediate power rail conversion

  DC-to-DC point of load applications

  Communications and networking

  Industrial and instrumentation

  Healthcare and medical

  Consumer



 




Similar Part No. - ADP2302

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADP2302 AD-ADP2302 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADP2302-EVALZ AD-ADP2302-EVALZ Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302ARDZ AD-ADP2302ARDZ Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302ARDZ-2.5 AD-ADP2302ARDZ-2.5 Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
More results


Similar Description - ADP2302

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
logo
Analog Devices
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
Dual 5 A, 20 V Synchronous Step-Down
REV. 0
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
20 V, 6 A Synchronous Step-Down
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com