Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9636 Datasheet (PDF) - Maxim Integrated Products

MAX9636 Datasheet PDF - Maxim Integrated Products
Part # MAX9636
Download  MAX9636 Download
File Size   2620.34 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps

MAX9636 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9636 Datasheet PDF - Maxim Integrated Products

Part # MAX9636
Download  MAX9636 Click to download

File Size   2620.34 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps

MAX9636 Datasheet (HTML) - Maxim Integrated Products


MAX9636 Product details

General Description
The MAX9636/MAX9637/MAX9638 are single-supply, CMOS input op amps featuring wide bandwidth at low quiescent current, making them suitable for a broad range of battery-powered applications such as portable medical instruments, portable media players, and smoke detectors. A combination of extremely low input bias currents, low input current noise and low input voltage noise allows interface to high-impedance sources such as photodiode and piezoelectric sensors.

Benefits and Features
● Ideal for Precision Transimpedance Amplifier Applications
   • Ultra-Low 0.1pA Bias Current
   • Wide 1.5MHz Bandwidth
   • Low Input Current-Noise Density: 0.9fA/√Hz
● Extend Battery Life
   • Single-Supply Operation VDD = 2.1V to 5.5V
   • Low 36μA Quiescent Current
   • 1μA Quiescent Current in Shutdown
● Save Board Space
   • 6 and 8-Pin SC70 and 10-Pin UTQFN Packages

Applications
● Portable Medical Instruments
● Piezoelectric Transducer Amplifiers
● Smoke Detectors
● Battery-Powered Devices
● Transimpedance Amplifiers
● Tablets




Similar Part No. - MAX9636

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636 Datasheet
1Mb / 6P
Fully Assembled and Tested
Rev 0; 5/10
MAX9636AXT+ MAXIM-MAX9636AXT+ Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636AXT+ MAXIM-MAX9636AXT+ Datasheet
845Kb / 12P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX9636EVKIT MAXIM-MAX9636EVKIT Datasheet
1Mb / 6P
Fully Assembled and Tested
Rev 0; 5/10
MAX9636EVKIT+ MAXIM-MAX9636EVKIT+ Datasheet
1Mb / 6P
Fully Assembled and Tested
Rev 0; 5/10
More results


Similar Description - MAX9636

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44260_V4 MAXIM-MAX44260_V4 Datasheet
2Mb / 16P
1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 4; 7/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
3PEAK INC.
TPH2501 3PEAK-TPH2501 Datasheet
1Mb / 20P
250MHz, Precision, Rail-to-Rail I/O, CMOS Op-amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com