Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9888 Datasheet (PDF) - Maxim Integrated Products

MAX9888 Datasheet PDF - Maxim Integrated Products
Part # MAX9888
Download  MAX9888 Download
File Size   10411.91 Kbytes
Page   115 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio CODEC with FLEXSOUND Technology

MAX9888 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9888 Datasheet PDF - Maxim Integrated Products

Part # MAX9888
Download  MAX9888 Click to download

File Size   10411.91 Kbytes
Page   115 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stereo Audio CODEC with FLEXSOUND Technology

MAX9888 Datasheet (HTML) - Maxim Integrated Products


MAX9888 Product details

General Description

The MAX9888 is a full-featured audio CODEC whose high performance and low power consumption make it ideal for portable applications.



Features

  100dB DR Stereo DAC (8kHz < fS < 96kHz)

  91dB DR Stereo ADC (8kHz < fS < 96kHz)

  Stereo Low EMI Class D Amplifiers 950mW/Channel (8I, VSPKVDD_ = 4.2V)

  Stereo DirectDrive Headphone Amplifiers

  Differential Receiver Amplifier

  2 Stereo Single-Ended/Mono Differential Line Inputs

  3 Differential Microphone Inputs

  FLEXSOUND Technology

    5-Band Parametric EQ

    Automatic Level Control (ALC)

    Excursion Limiter

    Speaker Power Limiter

    Speaker Distortion Limiter

    Microphone Automatic Gain Control

    and Noise Gate

  Dual I2S/PCM/TDM Digital Audio Interfaces

  Asynchronous Digital Mixing

  Supports Master Clock Frequencies from 10MHz to 60MHz

  RF Immune Analog Inputs and Outputs

  Extensive Click-and-Pop Reduction Circuitry

  I2C Control Interface

  63 WLP Package (3.80mm x 3.30mm, 0.4mm Pitch)



 




Similar Part No. - MAX9888

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9888 MAXIM-MAX9888 Datasheet
10Mb / 115P
Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
MAX9888EWY+ MAXIM-MAX9888EWY+ Datasheet
10Mb / 115P
Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
MAX9888 MAXIM-MAX9888_V01 Datasheet
10Mb / 115P
Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
More results


Similar Description - MAX9888

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
Stereo audio interface with CODEC
logo
Maxim Integrated Produc...
MAX98088 MAXIM-MAX98088 Datasheet
11Mb / 123P
Stereo Audio Codec with FLEXSOUND Technology
Rev 0; 6/10
MAX98089 MAXIM-MAX98089 Datasheet
14Mb / 131P
Low-Power, Stereo Audio Codec with FlexSound Technology 93dB DR Stereo ADC
Rev 0; 6/11
MAX98089 MAXIM-MAX98089_12 Datasheet
11Mb / 131P
Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
logo
Maxim Integrated Produc...
MAX9888 MAXIM-MAX9888_V01 Datasheet
10Mb / 115P
Stereo Audio CODEC with FlexSound Technology
19-5235; Rev 1; 2/11
MAX98088 MAXIM-MAX98088_V01 Datasheet
11Mb / 123P
Stereo Audio Codec with FlexSound Technology
19-5335; Rev 1; 6/11
MAX98089 MAXIM-MAX98089_V01 Datasheet
7Mb / 133P
Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com