Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17491 Datasheet (PDF) - Maxim Integrated Products

MAX17491 Datasheet PDF - Maxim Integrated Products
Part # MAX17491
Download  MAX17491 Download
File Size   297.06 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase Synchronous MOSFET Driver

MAX17491 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX17491 Datasheet PDF - Maxim Integrated Products

Part # MAX17491
Download  MAX17491 Click to download

File Size   297.06 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Phase Synchronous MOSFET Driver

MAX17491 Datasheet (HTML) - Maxim Integrated Products


MAX17491 Product details

General Description
The MAX17491 is a single-phase synchronous noninverting MOSFET driver. The MAX17491 is intended to work with controller ICs like the MAX8736, MAX8786, or MAX17030 in multiphase notebook CPU core regulators.

Features
♦ Single-Phase Synchronous MOSFET Driver
♦ 0.5Ω Low-Side On-Resistance
♦ 0.7Ω High-Side On-Resistance
♦ 10ns Minimum Guaranteed Dead Time
♦ Integrated Boost “Diode”
♦ 2V to 24V Input Voltage Range
♦ Selectable Pulse-Skipping Mode
♦ Low-Profile, 3mm x 3mm, TQFN Package

Applications
    Notebooks/Desktops/Servers
    CPU Core Power Supplies
    Multiphase Step-Down Converters




Similar Part No. - MAX17491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17491GTA+ MAXIM-MAX17491GTA+ Datasheet
791Kb / 13P
Single-Phase Synchronous MOSFET Driver
2020
MAX17491 MAXIM-MAX17491_V01 Datasheet
791Kb / 13P
Single-Phase Synchronous MOSFET Driver
2020
More results


Similar Description - MAX17491

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8791 MAXIM-MAX8791 Datasheet
645Kb / 11P
Single-Phase Synchronous MOSFET Driver
Rev 1; 11/06
logo
Richtek Technology Corp...
RT9624A RICHTEK-RT9624A Datasheet
231Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B Datasheet
220Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624C RICHTEK-RT9624C Datasheet
201Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624B RICHTEK-RT9624B_15 Datasheet
186Kb / 16P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624E RICHTEK-RT9624E Datasheet
164Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624F RICHTEK-RT9624F Datasheet
155Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
RT9624H RICHTEK-RT9624H Datasheet
152Kb / 13P
Single Phase Synchronous Rectified Buck MOSFET Driver
logo
Maxim Integrated Produc...
MAX17491 MAXIM-MAX17491_V01 Datasheet
791Kb / 13P
Single-Phase Synchronous MOSFET Driver
2020
logo
Richtek Technology Corp...
RT9614A RICHTEK-RT9614A Datasheet
268Kb / 19P
Single Phase Synchronous Rectified Buck MOSFET Driver
January 2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com