Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19527 Datasheet (PDF) - Maxim Integrated Products

MAX19527 Datasheet PDF - Maxim Integrated Products
Part # MAX19527
Download  MAX19527 Download
File Size   2850.26 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs

MAX19527 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19527 Datasheet PDF - Maxim Integrated Products

Part # MAX19527
Download  MAX19527 Click to download

File Size   2850.26 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs

MAX19527 Datasheet (HTML) - Maxim Integrated Products


MAX19527 Product details

General Description
The MAX19527 is an octal, 12-bit analog-to-digital converter (ADC), optimized for the low-power and high-dynamic performance requirements of medical imaging instrumentation and digital communications applications. The device operates from a single 1.8V supply and consumes 440mW (55mW per channel), while providing a 69dBFS signal-to-noise ratio (SNR) at a 5.3MHz input frequency. In addition to low operating power, the device features programmable power management for idle states and reduced-channel operation.

Features
♦ Ultra-Low-Power Operation
    55mW per Channel at 50Msps
♦ Single 1.8V Power Supply
♦ Excellent Dynamic Performance
    69dBFS SNR at 5.3MHz
    140dBc/Hz Near-Carrier SNR at 1kHz Offset from a 5.3MHz Tone
    84dBc SFDR at 5.3MHz
    90dB Channel Isolation at 5.3MHz
♦ User-Programmable Adjustment and Feature Selection through an SPI Interface
♦ Serial LVDS Outputs with Programmable Current Drive and Internal Termination
♦ Programmable Power Management
♦ Internal or External Reference Operation
♦ Single-Ended or Differential Clock Input
♦ Programmable Output Data Format
♦ Built-In Output Data Test Patterns
♦ Small, 10mm x 10mm, 144-Lead CTBGA Package
♦ Evaluation Kit Available (Order MAX19527EVKIT+)

Applications
    Ultrasound and Medical Imaging
    Instrumentation
    Multichannel Communications
    ZIF GSM and TD-SCDMA Transceivers




Similar Part No. - MAX19527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19527 MAXIM-MAX19527 Datasheet
3Mb / 26P
Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT+ MAXIM-MAX19527EVKIT+ Datasheet
3Mb / 26P
Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results


Similar Description - MAX19527

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com