Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM81 Datasheet (PDF) - ATMEL Corporation

AT90PWM81 Datasheet PDF - ATMEL Corporation
Part # AT90PWM81
Download  AT90PWM81 Download
File Size   5821.36 Kbytes
Page   325 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash

AT90PWM81 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90PWM81 Datasheet PDF - ATMEL Corporation

Part # AT90PWM81
Download  AT90PWM81 Click to download

File Size   5821.36 Kbytes
Page   325 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash

AT90PWM81 Datasheet (HTML) - ATMEL Corporation


AT90PWM81 Product details

Features
• High performance, low power Atmel®AVR® 8-bit Microcontroller
• Advanced RISC architecture
   – 131 powerful instructions - most single clock cycle execution
   – 32 × 8 general purpose working registers
   – Fully static operation
   – Up to 1 MIPS throughput per MHz
   – On-chip 2-cycle multiplier
• Data and non-volatile program memory
   – 8/16Kbytes of in-system programmable program memory flash
      • Endurance: 10,000 write/erase cycles
      • Lock bits protection
      • Optional 2/4Kbytes boot code section with independent lock bits
      • In-system programming by on-chip boot program
      • True read-while-write operation
   – 512 Bytes of in-system programmable EEPROM
      • Four bytes page size
   – 256/1024 Bytes Internal SRAM
• On-chip debug support (debugWIRE)
• Peripheral features
   – One 12-bit high speed PSC (Power Stage Controllers with extended PSC2 features)
      • Non overlapping inverted PWM output pins with flexible dead-time
      • Variable PWM duty cycle and frequency
      • Synchronous update of all PWM registers
      • Enhanced resolution mode (16 bits)
      • Additional register for ADC synchronization
      • Input capture
      • Four output pins and output matrix
   – One 12-bit high speed PSC (Power Stage Controller)
      • Auto-stop function for event driven PFC implementation
      • Non overlapping inverted PWM output pins with flexible dead-time
      • Variable PWM duty cycle and frequency
      • Synchronous update of all PWM registers
      • Enhanced resolution mode (16 bits)
      • Input capture
   – One 16-bit simple general purpose timer/counter
   – 10-bit ADC
      • Up to 11 single ended channels and one fully differential ADC channel pair
      • Programmable gain (5×, 10×, 20×, 40× on differential channel)
      • Internal reference voltage
   – One 10-bit DAC
   – Three analog comparators with
      • Resistor-array to adjust comparison voltage
      • DAC to adjust comparison voltage
   – One SPI
   – Three external interrupts
   – Programmable watchdog timer with separate on-chip oscillator
• Special microcontroller features
   – Low power idle, noise reduction, and power down modes
   – Power-on reset and programmable brown-out detection
   – Flag array in bit-programmable I/O space (three bytes)
   – In-system programmable via SPI port
   – Internal low power calibrated RC oscillator (8MHz or 1MHz, low jitter)
   – On chip PLL for fast PWM (32MHz, 48MHz, 64MHz) and CPU (12MHz, 16MHz); PLL source RC & XTAL
   – Dynamic clock switch
   – Temperature sensor
• Operating voltage: 2.7V - 5.5V
• Operating temperature:
   – -40°C to +105°C or -40°C to +125°C
• Operating speed
   – 5V: 16MHz core, 64MHz PLL
   – 3.3V: 12MHz core, 48MHz PLL




Similar Part No. - AT90PWM81

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM81 ATMEL-AT90PWM81 Datasheet
3Mb / 327P
Data and non-volatile program memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
Data and non-volatile program memory
More results


Similar Description - AT90PWM81

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515 Datasheet
2Mb / 254P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com