Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2301 Datasheet (PDF) - Princeton Technology Corp

PT2301 Datasheet PDF - Princeton Technology Corp
Part # PT2301
Download  PT2301 Download
File Size   202.79 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1 Watt Audio Power Amplifier

PT2301 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2301 Datasheet PDF - Princeton Technology Corp

Part # PT2301
Download  PT2301 Click to download

File Size   202.79 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1 Watt Audio Power Amplifier

PT2301 Datasheet (HTML) - Princeton Technology Corp


PT2301 Product details

DESCRIPTION

The PT2301 is an integration audio power amplifier IC utilizing advanced CMOS technology. Supports 2 mono MIC input and 2 stereo line input, input gain of each amp can be set individually to meet customers’ needs. Built-in digital controlled volumes have 49 steps from +15dB ~ -90dB and all the functions can be controlled via I2C bus. In the output section, the PT2301 is equipped with both stereo headphone driver and mono speaker amp maximum output up to 1 watt.



FEATURES

•1W (8 Ω) mono channel speaker driver + stereo headphone driver

• Digital controlled volume (49 steps /+15dB ~ -90dB)

• 2 mono microphone inputs, 1 microphone output

• 2 stereo line input

• Input gain can be setting individually in each input port.

• Eliminate DC block capacitor in the headphone driver output (Only PT2301-A supported)

• Standby mode and Mute function

• Thermal shutdown protection circuit

• Energy Save function

• Very low “POP” noise during function changed.

• Wide operation voltage range: 2.7V ~ 5.5V

• Low Distortion: earphone output < 0.05%, speaker output< 0.04%

• Available in 24 Pin, space saving TSSOP Package



APPLICATIONS

•Electronic dictionary

•Translator

•PDA

• DSC (Digital Still Camera)

•GPS




Similar Part No. - PT2301

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
More results


Similar Description - PT2301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
1 Watt Audio Power Amplifier
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
1 Watt Audio Power Amplifier
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com