Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6306-H Datasheet (PDF) - Princeton Technology Corp

PT6306-H Datasheet PDF - Princeton Technology Corp
Part # PT6306-H
Download  PT6306-H Download
File Size   646.11 Kbytes
Page   18 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 64-Bit High Voltage Display Driver IC

PT6306-H Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6306-H Datasheet PDF - Princeton Technology Corp

Part # PT6306-H
Download  PT6306-H Click to download

File Size   646.11 Kbytes
Page   18 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 64-Bit High Voltage Display Driver IC

PT6306-H Datasheet (HTML) - Princeton Technology Corp


PT6306-H Product details

DESCRIPTION

PT6306 is a 64-Bit High-Voltage Display Driver utilizing CMOS Technology specially designed for VFD

display panels. It provides 64-bit bidirectional shift register, 64-bit latch and high-voltage CMOS Driver.

The logic circuit operates on 5V power supply (CMOS Level Input) making it possible for PT6306 to be used

in conjunction with a microcomputer. The driver block consists of 80V, 50mA (max.) high voltage output

buffer. Pin assignments and application circuits are optimized for easy PCB Layout and cost saving benefits.



FEATURES

• CMOS Technology

• Low Power Consumption

• 64-Bit Bidirectional shift registers

• Data Controlled via External Transfer Clock and Latch

• High Speed Data Transfer (fmax=25MHz, Min.: 16MHz in cascade connection)

• Wide Operating temperature Range: -40 to +85℃

• High Voltage Output (80V, 50mA max.)

• Polarities of all Drivers may be inverted by using PCB Pin

• Available in COB and 100-pin, QFP



APPLICATION

• Micro Computer Peripheral




Similar Part No. - PT6306-H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6306 TI-PT6306 Datasheet
319Kb / 3P
3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT6306 TI1-PT6306 Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306A TI1-PT6306A Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306B TI1-PT6306B Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306C TI1-PT6306C Datasheet
347Kb / 6P
Internal Short Circuit Protection
More results


Similar Description - PT6306-H

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
High Voltage Display Driver
logo
NEC
UPD16306A NEC-UPD16306A Datasheet
524Kb / 15P
64-BIT HIGH-VOLTAGE CMOS DRIVER
logo
National Semiconductor ...
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
logo
IK Semicon Co., Ltd
IK2102 IKSEMICON-IK2102 Datasheet
2Mb / 23P
LED Display Driver IC
logo
SHENZHEN FUMAN ELECTRON...
74HC595A FUMAN-74HC595A Datasheet
227Kb / 5P
Display driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com