Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6910 Datasheet (PDF) - Princeton Technology Corp

PT6910 Datasheet PDF - Princeton Technology Corp
Part # PT6910
Download  PT6910 Download
File Size   166.42 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1.2A LED Driver with Integrated Switch

PT6910 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6910 Datasheet PDF - Princeton Technology Corp

Part # PT6910
Download  PT6910 Click to download

File Size   166.42 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1.2A LED Driver with Integrated Switch

PT6910 Datasheet (HTML) - Princeton Technology Corp


PT6910 Product details

DESCRIPTION

The PT6910 is a continuous mode inductive step-down converter, designed for driving single or multiple series

white LEDs efficiently from a voltage source higher than the output LED voltage. The IC operates from an input supply between 6V and 36V and provides an externally adjustable output current of up to 1.2Amp.



FEATURES

• High Efficiency (up to 95%)

• Soft-Start (Adjustable)

• Maximum 1.2A Output Current

• Low/High Frequency PWM Dimming with Internal PWM Filter

• Wide Input Voltage: 6V ~ 36V

• Internal Open-Circuit LED Protection

• Typical 5% Output Current Accuracy

•SOT-89-5L



APPLICATIONS

• DC/DC LED Driver

• Low Voltage Industrial LED Lighting

• Low Voltage Halogen Replacement LEDs

• Decorative LED Lighting

• LED Table Lighting




Similar Part No. - PT6910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Princeton Technology Co...
PT6910A PTC-PT6910A Datasheet
298Kb / 4P
24V/0.8A Buck LED Driver
More results


Similar Description - PT6910

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
logo
Unisonic Technologies
L4120 UTC-L4120 Datasheet
159Kb / 4P
40V/1.2A INTEGRATED POWER LED DRIVER
logo
Allegro MicroSystems
A1569E ALLEGRO-A1569E Datasheet
600Kb / 21P
LED Driver with Integrated Hall-Effect Switch
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
Unisonic Technologies
L4120 UTC-L4120_17 Datasheet
167Kb / 4P
40V/1.2A INTEGRATED POWER LED DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com