Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0210DPA Datasheet (PDF) - Renesas Technology Corp

RJK0210DPA Datasheet PDF - Renesas Technology Corp
Part # RJK0210DPA
Download  RJK0210DPA Download
File Size   71.6 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET Power Switching

RJK0210DPA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0210DPA Datasheet PDF - Renesas Technology Corp

Part # RJK0210DPA
Download  RJK0210DPA Click to download

File Size   71.6 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon N Channel Power MOS FET Power Switching

RJK0210DPA Datasheet (HTML) - Renesas Technology Corp


RJK0210DPA Product details

Features
• Very high speed switching
• Capable of 4.5 V gate drive
• Low drive current
• High density mounting
• Low on-resistance
   RDS(on) = 4.5 mΩ typ. (at VGS = 10 V)
• Pb-free
• Halogen-free




Similar Part No. - RJK0210DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0210DPA RENESAS-RJK0210DPA Datasheet
133Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0210DPA-00-J5A RENESAS-RJK0210DPA-00-J5A Datasheet
133Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0210DPA RENESAS-RJK0210DPA_10 Datasheet
133Kb / 7P
Silicon N Channel Power MOS FET Power Switching
More results


Similar Description - RJK0210DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0301DPB RENESAS-RJK0301DPB Datasheet
83Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0302DPB RENESAS-RJK0302DPB Datasheet
117Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0303DPB RENESAS-RJK0303DPB Datasheet
123Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0348DSP RENESAS-RJK0348DSP Datasheet
112Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0353DSP RENESAS-RJK0353DSP Datasheet
111Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0355DPA RENESAS-RJK0355DPA Datasheet
106Kb / 7P
Silicon N Channel Power MOS FET Power Switching
RJK0366DPA RENESAS-RJK0366DPA Datasheet
106Kb / 7P
Silicon N Channel Power MOS FET Power Switching
HAT2266H RENESAS-HAT2266H Datasheet
95Kb / 8P
Silicon N Channel Power MOS FET Power Switching
HAT2201WP RENESAS-HAT2201WP Datasheet
112Kb / 8P
Silicon N Channel Power MOS FET Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com