Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2176 Datasheet (PDF) - Sanyo Semicon Device

2SD2176 Datasheet PDF - Sanyo Semicon Device
Part # 2SD2176
Download  2SD2176 Download
File Size   71.8 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Motor Driver Applications?????????

2SD2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2176 Datasheet PDF - Sanyo Semicon Device

Part # 2SD2176
Download  2SD2176 Click to download

File Size   71.8 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Motor Driver Applications?????????

2SD2176 Datasheet (HTML) - Sanyo Semicon Device


2SD2176 Product details

Motor Driver Applications



Features

· Darlington connection.

· On-chip Zener diode of 60±10V between collector and base.

· High inductive load handling capability.

· Small-sized package.




Similar Part No. - 2SD2176

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD217 ETC1-2SD217 Datasheet
50Kb / 1P
NPN SILICON EPITAXIAL MESA TRANSISTOR
logo
Rohm
2SD2170 ROHM-2SD2170 Datasheet
67Kb / 3P
Medium Power Transistor(Motor, Relay drive) (90 , 2A)
logo
SHIKUES Electronics
2SD2170 SKTECHNOLGY-2SD2170 Datasheet
967Kb / 2P
NPN Transistors
logo
Guangdong Kexin Industr...
2SD2170 KEXIN-2SD2170_15 Datasheet
746Kb / 2P
NPN Transistors
logo
Rohm
2SD2171S ROHM-2SD2171S Datasheet
61Kb / 2P
MEDIUM POWER TRANSISTOR(25V, 1.2V), GENERAL PURPOSE TRANSISTOR(50V, 0.15A)
More results


Similar Description - 2SD2176

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1323 SANYO-2SB1323 Datasheet
81Kb / 3P
Compact Motor Driver Applications
2SB1324 SANYO-2SB1324 Datasheet
85Kb / 3P
Compact Motor Driver Applications?
2SB1325 SANYO-2SB1325 Datasheet
44Kb / 2P
Compact Motor Driver Applications?
2SB1394 SANYO-2SB1394 Datasheet
107Kb / 4P
Compact Motor Driver Applications?
2SB1397 SANYO-2SB1397 Datasheet
114Kb / 4P
Compact Motor Driver Applications???
2SB1527 SANYO-2SB1527 Datasheet
70Kb / 3P
Compact Motor Driver Applications???
2SD2324 SANYO-2SD2324 Datasheet
68Kb / 3P
Compact Motor Driver Applications??????????
CPH3120 SANYO-CPH3120 Datasheet
39Kb / 4P
Compact Motor Driver Applications
logo
Infineon Technologies A...
TLE4209 INFINEON-TLE4209 Datasheet
93Kb / 12P
DC Motor Driver for Servo Driver Applications
2000-09-05
logo
Sanyo Semicon Device
FW344 SANYO-FW344 Datasheet
49Kb / 6P
Motor Driver Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com