Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7451ARMZ Datasheet (PDF) - Analog Devices

AD7451ARMZ Datasheet PDF - Analog Devices
Part # AD7451ARMZ
Download  AD7451ARMZ Download
File Size   629.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23

AD7451ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7451ARMZ Datasheet PDF - Analog Devices

Part # AD7451ARMZ
Download  AD7451ARMZ Click to download

File Size   629.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23

AD7451ARMZ Datasheet (HTML) - Analog Devices


AD7451ARMZ Product details

GENERAL DESCRIPTION
The AD7441/AD74511 are, respectively, 10-/12-bit high speed, low power, single-supply, successive approximation (SAR), analog-to-digital converters (ADCs) that feature a pseudo differential analog input. These parts operate from a single 2.7 V to 5.25 V power supply and achieve very low power dissipation at high throughput rates of up to 1 MSPS.
The AD7441/AD7451 contain a low noise, wide bandwidth, differential track-and-hold (T/H) amplifier that handles input frequencies up to 3.5 MHz. The reference voltage for these devices is applied externally to the VREF pin and can range from 100 mV to VDD, depending on the power supply and what suits the application.

FEATURES
   Fast throughput rate: 1 MSPS
   Specified for VDD of 2.7 V to 5.25 V
   Low power at maximum throughput rate:
      4 mW maximum at 1 MSPS with VDD = 3 V
      9.25 mW maximum at 1 MSPS with VDD = 5 V
   Pseudo differential analog input
   Wide input bandwidth:
      70 dB SINAD at 100 kHz input frequency
   Flexible power/serial clock speed management
   No pipeline delays
   High speed serial interface:
      SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
   Power-down mode: 1 μA maximum
   8-lead SOT-23 and MSOP packages
  
APPLICATIONS
   Transducer interface
   Battery-powered systems
   Data acquisition systems
   Portable instrumentation




Similar Part No. - AD7451ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7451BRM AD-AD7451BRM Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7451BRT AD-AD7451BRT Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results


Similar Description - AD7451ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com