Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1102 Datasheet (PDF) - NXP Semiconductors

LPC1102 Datasheet PDF - NXP Semiconductors
Part # LPC1102
Download  LPC1102 Download
File Size   255.61 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM

LPC1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC1102 Datasheet PDF - NXP Semiconductors

Part # LPC1102
Download  LPC1102 Click to download

File Size   255.61 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM

LPC1102 Datasheet (HTML) - NXP Semiconductors


LPC1102 Product details

General description
The LPC1102/1104 are an ARM Cortex-M0 based, low-cost 32-bit MCU, designed for 8/16-bit microcontroller applications, offering performance, low power, simple instruction set and memory addressing together with reduced code size compared to existing 8/16-bit architectures.

Features and benefits
■ System:
   ◆ ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
   ◆ ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
   ◆ Serial Wire Debug.
   ◆ System tick timer.
■ Memory:
   ◆ 32 kB on-chip flash programming memory.
   ◆ 8 kB SRAM.
   ◆ In-Application Programming (IAP) and In-System Programming (ISP) support via on-chip bootloader software.
■ Digital peripherals:
   ◆ 11 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors and programmable open-drain mode.
   ◆ GPIO pins can be used as edge and level sensitive interrupt sources.
   ◆ Four general purpose counter/timers with a total of one capture input and 10 match outputs.
   ◆ Programmable windowed WatchDog Timer (WDT).
■ Analog peripherals:
   ◆ 10-bit ADC with input multiplexing among five pins.
■ Serial interfaces:
   ◆ UART with fractional baud rate generation, internal FIFO, and RS-485 support.
   ◆ One SPI controller with SSP features and with FIFO and multi-protocol capabilities (see Section 7.16).
■ Clock generation:
   ◆ 12 MHz internal RC oscillator trimmed to 1 % accuracy that can optionally be used as a system clock.
   ◆ Programmable watchdog oscillator with a frequency range of 9.4 kHz to 2.3 MHz.
   ◆ PLL allows CPU operation up to the maximum CPU rate without the need for a high-frequency crystal. May be run from an external clock or the internal RC oscillator.
   ◆ Clock output function with divider that can reflect the system oscillator clock, IRC clock, CPU clock, and the Watchdog clock (LPC1104 only).
■ Power control:
■ Integrated PMU (Power Management Unit) to minimize power consumption during Sleep and Deep-sleep modes.
   ◆ Power profiles residing in boot ROM allowing to optimize performance and minimize power consumption for any given application through one simple function call.
   ◆ Two reduced power modes: Sleep and Deep-sleep modes.
   ◆ Processor wake-up from Deep-sleep mode via a dedicated start logic using up to six of the functional pins.
   ◆ Power-On Reset (POR).
   ◆ Brownout detect with up to four separate thresholds for interrupt and forced reset.
■ Unique device serial number for identification.
■ Single 3.3 V power supply (1.8 V to 3.6 V).
■ Available as WLCSP16 package.

Applications
■ Mobile devices
■ 8-/16-bit applications
■ Consumer peripherals
■ Portable devices
■ Lighting




Similar Part No. - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1102 NXP-LPC1102 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1102 NXP-LPC1102 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102LVUK NXP-LPC1102LVUK Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results


Similar Description - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com