Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1233 Datasheet (PDF) - Semtech Corporation

SX1233 Datasheet PDF - Semtech Corporation
Part # SX1233
Download  SX1233 Download
File Size   1155.75 Kbytes
Page   81 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Bit Rate Transceiver Low Power Integrated UHF Transceiver

SX1233 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1233 Datasheet PDF - Semtech Corporation

Part # SX1233
Download  SX1233 Click to download

File Size   1155.75 Kbytes
Page   81 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Bit Rate Transceiver Low Power Integrated UHF Transceiver

SX1233 Datasheet (HTML) - Semtech Corporation


SX1233 Product details

GENERAL DESCRIPTION
The SX1233 is a highly integrated RF transceiver capable of operation over a wide frequency range, including the 433, 868 and 915 MHz license-free ISM (Industry Scientific and Medical) frequency bands. Its highly integrated architecture allows for a minimum of external components whilst maintaining maximum design flexibility. All major RF communication parameters are programmable and most of them can be dynamically set. The SX1233 offers the unique advantage of programmable narrow-band and wide-band communication modes without the need to modify external components. The SX1233 is optimized for low power consumption while offering high RF output power and channelized operation. TrueRF™ technology enables a lowcost external component count (elimination of the SAW filter) whilst still satisfying ETSI and FCC regulations. SX1233 is pin to pin compatible with SX1231 and SX1239.

KEY PRODUCT FEATURES
◆ Programmable bit rate up to 600kbps (FSK)
◆ High Sensitivity: down to -120 dBm at 1.2 kbps
◆ High Selectivity: 16-tap FIR Channel Filter
◆ Bullet-proof front end: IIP3 = -18 dBm, IIP2 = +35 dBm, 80 dB Blocking Immunity, no Image Frequency response
◆ Low current: Rx = 16 mA, 100nA register retention
◆ Programmable Pout: -18 to +17 dBm in 1dB steps
◆ Constant RF performance over voltage range of chip
◆ Fully integrated synthesizer with a resolution of 61 Hz
◆ FSK, GFSK, MSK, GMSK and OOK modulations
◆ Built-in Bit Synchronizer performing Clock Recovery
◆ Incoming Sync Word Recognition
◆ 115 dB+ Dynamic Range RSSI
◆ Automatic RF Sense with ultra-fast AFC
◆ Packet engine with CRC, AES-128 encryption and 66- byte FIFO
◆ Built-in temperature sensor and Low Battery indicator

APPLICATIONS
◆ Automated Meter Reading
◆ Wireless Sensor Networks
◆ Home and Building Automation
◆ Wireless Alarm and Security Systems
◆ Industrial Monitoring and Control




Similar Part No. - SX1233

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
More results


Similar Description - SX1233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
LOW POWER UHF TRANSCEIVER
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
Low-power, integrated UHF transceiver
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
Low Power Integrated UHF Transceiver
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com