Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY24A Datasheet (PDF) - ATMEL Corporation

ATTINY24A Datasheet PDF - ATMEL Corporation
Part # ATTINY24A
Download  ATTINY24A Download
File Size   703.6 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash

ATTINY24A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY24A Datasheet PDF - ATMEL Corporation

Part # ATTINY24A
Download  ATTINY24A Click to download

File Size   703.6 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash

ATTINY24A Datasheet (HTML) - ATMEL Corporation


ATTINY24A Product details

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 120 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• High Endurance, Non-Volatile Memory Segments
   – 2K/4K Bytes of In-System, Self-Programmable Flash Program Memory
        • Endurance: 10,000 Write/Erase Cycles
   – 128/256 Bytes of In-System Programmable EEPROM
        • Endurance: 100,000 Write/Erase Cycles
   – 128/256 Bytes of Internal SRAM
   – Data retention: 20 years at 85°C / 100 years at 25°C
   – Programming Lock for Self-Programming Flash & EEPROM Data Security
• Peripheral Features
   – One 8-Bit and One 16-Bit Timer/Counter with Two PWM Channels, Each
   – 10-bit ADC
       • 8 Single-Ended Channels
       • 12 Differential ADC Channel Pairs with Programmable Gain (1x / 20x)
   – Programmable Watchdog Timer with Separate On-chip Oscillator
   – On-Chip Analog Comparator
   – Universal Serial Interface
• Special Microcontroller Features
   – debugWIRE On-chip Debug System
   – In-System Programmable via SPI Port
   – Internal and External Interrupt Sources
       • Pin Change Interrupt on 12 Pins
   – Low Power Idle, ADC Noise Reduction, Standby and Power-Down Modes
   – Enhanced Power-on Reset Circuit
   – Programmable Brown-Out Detection Circuit with Software Disable Function
   – Internal Calibrated Oscillator
   – On-Chip Temperature Sensor
• I/O and Packages
   – Available in 20-Pin QFN/MLF/VQFN, 14-Pin SOIC, 14-pin PDIP and 15-ball UFBGA
   – Twelve Programmable I/O Lines
• Operating Voltage:
   – 1.8 – 5.5V
• Speed Grade:
   – 0 – 4 MHz @ 1.8 – 5.5V
   – 0 – 10 MHz @ 2.7 – 5.5V
   – 0 – 20 MHz @ 4.5 – 5.5V
• Industrial Temperature Range: -40°C to +85°C
• Low Power Consumption
   – Active Mode:
      • 210 µA at 1.8V and 1MHz
   – Idle Mode:
      • 33 µA at 1.8V and 1MHz
   – Power-Down Mode:
      • 0.1 µA at 1.8V and 25°C




Similar Part No. - ATTINY24A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
4Mb / 286P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
Rev. 8183F-AVR-06/12
ATTINY24A-CCU ATMEL-ATTINY24A-CCU Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A-CCU ATMEL-ATTINY24A-CCU Datasheet
4Mb / 286P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
Rev. 8183F-AVR-06/12
More results


Similar Description - ATTINY24A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
242Kb / 27P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY261 ATMEL-ATTINY261_10 Datasheet
444Kb / 11P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_12 Datasheet
721Kb / 22P
8-bit Microcontroller with 2K/4K/8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com