Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY20 Datasheet (PDF) - ATMEL Corporation

ATTINY20 Datasheet PDF - ATMEL Corporation
Part # ATTINY20
Download  ATTINY20 Download
File Size   638.86 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes In-System Programmable Flash

ATTINY20 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY20 Datasheet PDF - ATMEL Corporation

Part # ATTINY20
Download  ATTINY20 Click to download

File Size   638.86 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 2K Bytes In-System Programmable Flash

ATTINY20 Datasheet (HTML) - ATMEL Corporation


ATTINY20 Product details

Overview

ATtiny20 is a low-power CMOS 8-bit microcontroller based on the compact AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny20 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.



Features

• High performance, low power 8-bit AVR® microcontroller

• Advanced RISC architecture

   • 112 powerful instructions – most single clock cycle execution

   • 16 x 8 general purpose working registers

   • Fully static operation

   • Up to 12 MIPS throughput at 12MHz

• Non-volatile program and data memories

   • 2K bytes of in-system programmable flash program memory

   • 128 bytes internal SRAM

   • Flash write/erase cycles: 10,000

   • Data retention: 20 years at 85oC / 100 years at 25oC

• Peripheral features

   • One 8-bit timer/counter with two PWM channels

   • One 16-bit timer/counter with two PWM channels

   • 10-bit analog to digital converter

      • 8 single-ended channels

   • Programmable watchdog timer with separate on-chip oscillator

   • On-chip analog comparator

   • Master/slave SPI serial interface

   • Slave TWI serial interface

• Special microcontroller features

   • In-system programmable

   • External and internal interrupt sources

   • Low power idle, ADC noise reduction, stand-by and power-down modes

   • Enhanced power-on reset circuit

   • Internal calibrated oscillator

• I/O and packages

   • 14-pin SOIC/TSSOP: 12 programmable I/O lines

   • 12-ball WLCSP: 10 programmable I/O lines

   • 15-ball UFBGA: 12 programmable I/O lines

   • 20-pad VQFN: 12 programmable I/O lines

• Operating voltage:

   • 1.8 – 5.5V

• Programming voltage:

   • 5V

• Speed grade

   • 0 – 4MHz @ 1.8 – 5.5V

   • 0 – 8MHz @ 2.7 – 5.5V

   • 0 – 12MHz @ 4.5 – 5.5V

• Industrial temperature range

• Low power consumption

   • Active mode:

     • 200 μA at 1MHz and 1.8V

   • Idle mode:

     • 25μA at 1MHz and 1.8V

   • Power-down mode:

     • < 0.1μA at 1.8V



 




Similar Part No. - ATTINY20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY20 ATMEL-ATTINY20 Datasheet
5Mb / 224P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
4Mb / 220P
8-bit AVR Microcntroller with 2K Bytes In-System Programmable Flash
ATTINY20-EK1 ATMEL-ATTINY20-EK1 Datasheet
4Mb / 220P
8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
logo
Microchip Technology
ATTINY202 MICROCHIP-ATTINY202 Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
ATTINY202-SSF MICROCHIP-ATTINY202-SSF Datasheet
3Mb / 522P
tinyAVR짰 0-series
2021
More results


Similar Description - ATTINY20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313V ATMEL-ATTINY2313V_06 Datasheet
2Mb / 231P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com