Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2032237-3 Datasheet (PDF) - Tyco Electronics

2032237-3 Datasheet PDF - Tyco Electronics
Part # 2032237-3
Download  2032237-3 Download
File Size   235.84 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CABLE ASSY, 24AWG, SFP TO SFP

2032237-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2032237-3 Datasheet PDF - Tyco Electronics

Part # 2032237-3
Download  2032237-3 Click to download

File Size   235.84 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description CABLE ASSY, 24AWG, SFP TO SFP

2032237-3 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 2032237-3

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
203221B ITF-203221B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-05-07
logo
ERNI Electronics
203224 ERNI-203224 Datasheet
52Kb / 2P
MOD JACK - MJIM
203225 ERNI-203225 Datasheet
52Kb / 2P
MOD JACK - MJIM
203226 ERNI-203226 Datasheet
52Kb / 2P
MOD JACK - MJIM
203227 ERNI-203227 Datasheet
52Kb / 2P
MOD JACK - MJIM
More results


Similar Description - 2032237-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747521031 MOLEX1-0747521031_17 Datasheet
47Kb / 1P
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
0747521308 MOLEX1-0747521308_17 Datasheet
40Kb / 1P
SFP-to-SFP Lite Passive Cable Assembly, 10Gbps, 30 AWG Cable, with Latch
0747521401 MOLEX1-0747521401_17 Datasheet
47Kb / 1P
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
0747529001 MOLEX1-0747529001 Datasheet
47Kb / 1P
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release
logo
TE Connectivity Ltd
C-2821033 TEC-C-2821033 Datasheet
1Mb / 2P
CABLE ASSEMBLY, QSFP28 TO (4) SFP
C-2821222 TEC-C-2821222 Datasheet
467Kb / 2P
CABLE ASSEMBLY,30 AWG,SFP TO SFP 28G
logo
Molex Electronics Ltd.
747521031 MOLEX-747521031 Datasheet
270Kb / 3P
SFP TO SFP 10G PASSIVE CABLE ASSEMBLY
2021/04/27
747529015 MOLEX-747529015 Datasheet
270Kb / 3P
SFP TO SFP 10G PASSIVE CABLE ASSEMBLY
2021/04/27
747641051 MOLEX-747641051 Datasheet
477Kb / 3P
QSFP TO (4) SFP 10G PASSIVE CBL ASSY
2022/12/07
2049621051 MOLEX-2049621051 Datasheet
432Kb / 3P
SFP-DD 56G PASSIVE CABLE ASSY
2020/09/23
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com